Electronic Components Datasheet Search
  English  ▼

X  

PE4852 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4852
Description  RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4852 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4852 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4852 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
SMA Female Reverse Polarity
Connector Specification
MIL-STD-348
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.498 [12.65]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 PE4852
URL: http://www.pasternack.com/sma-female-reverse-polarity-pe-sr402al-pe-sr402fl-rg402-connector-pe4852-p.aspx
PE4852
PE4852 REV
RP SMA Female Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, RG402


Similar Part No. - PE4852

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE4851 PASTERNACK-PE4851 Datasheet
101Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4854 PASTERNACK-PE4854 Datasheet
229Kb / 3P
RP SMA Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141,RG142, RG223, RG400, .235 inch D Hole
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
More results

Similar Description - PE4852

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44697 PASTERNACK-PE44697 Datasheet
913Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44723 PASTERNACK-PE44723 Datasheet
948Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, Gold Plated Brass Body
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com