Electronic Components Datasheet Search
  English  ▼

X  

PE4862 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4862
Description  RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4862 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4862 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4862 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4862 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
Configuration
Connector
SMA Female Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.22 [30.99]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch
D Hole PE4862
PE4862
PE4862 REV
RP SMA Female Bulkhead Connector Crimp/Solder
Attachment For RG178, RG196, .235 inch D Hole


Similar Part No. - PE4862

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4860 PASTERNACK-PE4860 Datasheet
93Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4865 PASTERNACK-PE4865 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
More results

Similar Description - PE4862

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE44197 PASTERNACK-PE44197 Datasheet
275Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4421 PASTERNACK-PE4421 Datasheet
285Kb / 2P
SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44374 PASTERNACK-PE44374 Datasheet
226Kb / 3P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4799 PASTERNACK-PE4799 Datasheet
219Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44657 PASTERNACK-PE44657 Datasheet
227Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For PE-C100, RG178, RG196, .235 inch D Hole
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
PE45292 PASTERNACK-PE45292 Datasheet
416Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196, .235 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com