Electronic Components Datasheet Search
  English  ▼

X  

PE4864 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4864
Description  RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4864 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4864 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4864 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402,
.235 inch D Hole
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.745 [18.92]
Width/Dia., in [mm]
0.438 [11.13]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL,
RG402, .235 inch D Hole PE4864
URL:
http://www.pasternack.com/sma-female-reverse-polarity-pe-sr402al-pe-sr402fl-rg402-connector-pe4864-p.aspx
PE4864
PE4864 REV
RP SMA Female Bulkhead Connector Solder Attachment For
PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole


Similar Part No. - PE4864

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4860 PASTERNACK-PE4860 Datasheet
93Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4862 PASTERNACK-PE4862 Datasheet
276Kb / 3P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE4865 PASTERNACK-PE4865 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
More results

Similar Description - PE4864

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4150 PASTERNACK-PE4150 Datasheet
96Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4120 PASTERNACK-PE4120 Datasheet
289Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4113 PASTERNACK-PE4113 Datasheet
108Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44255 PASTERNACK-PE44255 Datasheet
265Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4990 PASTERNACK-PE4990 Datasheet
265Kb / 2P
2.92mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44697 PASTERNACK-PE44697 Datasheet
913Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com