Electronic Components Datasheet Search
  English  ▼

X  

PE4872 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4872
Description  RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4872 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4872 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4872 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.625 [15.88]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE4872
URL: http://www.pasternack.com/sma-female-reverse-polarity-thru-hole-pcb-connector-pe4872-p.aspx
PE4872
PE4872 REV
RP SMA Female Bulkhead Connector Solder
Attachment Thru Hole PCB, .250 inch Diameter


Similar Part No. - PE4872

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4870 PASTERNACK-PE4870 Datasheet
220Kb / 3P
RP SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4871 PASTERNACK-PE4871 Datasheet
210Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel
PE4873 PASTERNACK-PE4873 Datasheet
237Kb / 2P
RP SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE4875 PASTERNACK-PE4875 Datasheet
367Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
More results

Similar Description - PE4872

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44344 PASTERNACK-PE44344 Datasheet
216Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE44092 PASTERNACK-PE44092 Datasheet
241Kb / 2P
Mini UHF Female Bulkhead Connector Solder Attachment Thru Hole PCB, .380 inch Diameter
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE4189 PASTERNACK-PE4189 Datasheet
204Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4524 PASTERNACK-PE4524 Datasheet
259Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
PE4869 PASTERNACK-PE4869 Datasheet
221Kb / 3P
RP SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4875 PASTERNACK-PE4875 Datasheet
367Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE4189 PASTERNACK-PE4189_16 Datasheet
315Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Stub Terminal, .250 inch Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com