Electronic Components Datasheet Search
  English  ▼

X  

PE4874 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4874
Description  RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4874 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4874 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4874 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
0.062 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.562 [14.27]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB PE4874
URL: http://www.pasternack.com/sma-female-reverse-polarity-0.062-end-launch-connector-pe4874-p.aspx
PE4874
PE4874 REV
RP SMA Female Connector Solder Attachment
0.062 inch End Launch PCB


Similar Part No. - PE4874

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4870 PASTERNACK-PE4870 Datasheet
220Kb / 3P
RP SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4871 PASTERNACK-PE4871 Datasheet
210Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel
PE4872 PASTERNACK-PE4872 Datasheet
241Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE4873 PASTERNACK-PE4873 Datasheet
237Kb / 2P
RP SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4875 PASTERNACK-PE4875 Datasheet
367Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
More results

Similar Description - PE4874

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4543 PASTERNACK-PE4543 Datasheet
267Kb / 2P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4912 PASTERNACK-PE4912 Datasheet
205Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44848 PASTERNACK-PE44848 Datasheet
235Kb / 2P
SMC Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com