Electronic Components Datasheet Search
  English  ▼

X  

HC51U Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # HC51U
Description  Crystal Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

HC51U Datasheet(HTML) 1 Page - AEL Crystals Ltd

  HC51U Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQUENCY
SPECIFICATION
CONTROL DRAWING
307.200000kHz
Crystal Resonator
Holder Style
HC51U
Mode
Fundamental
Adjustment Tolerance
± 50PPM at 25°C
Temperature Stability
± 100 PPM
Operating Temp. Range
-10°C to +60°C
Load Capacitance
30 pF
Marking
Mark AELX001L\FREQ+WWYY
Amdt Date
Change Note
AEL Code
X307K200L001
Issue Ref
A
© Not to be reproduced without permission from AEL Crystals Ltd


Similar Part No. - HC51U

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HC51 EUROQUARTZ-HC51 Datasheet
81Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Connor-Winfield Corpora...
HC51R5 CONNOR-WINFIELD-HC51R5 Datasheet
55Kb / 1P
HCMOS/TTL COMPATIBLE
HC51RA CONNOR-WINFIELD-HC51RA Datasheet
59Kb / 1P
3.3V, 14 PIN DIP HCMOS ENABLE/DISABLE
logo
Zemic Europe B.V.
HC51X ZEMIC-HC51X Datasheet
380Kb / 3P
Type HC51x Elevator Indicator
2023.06
More results

Similar Description - HC51U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM206 ETC2-FM206 Datasheet
135Kb / 1P
QUARTZ CRYSTAL RESONATOR
logo
Shoulder Electronics Li...
TF38 SHOULDER-TF38 Datasheet
101Kb / 2P
CRYSTAL RESONATOR
TF26 SHOULDER-TF26 Datasheet
181Kb / 2P
CRYSTAL RESONATOR
49U SHOULDER-49U Datasheet
86Kb / 3P
CRYSTAL RESONATOR
49S SHOULDER-49S Datasheet
175Kb / 3P
CRYSTAL RESONATOR
ZM206 SHOULDER-ZM206 Datasheet
170Kb / 4P
CRYSTAL RESONATOR
ZM309 SHOULDER-ZM309 Datasheet
82Kb / 4P
CRYSTAL RESONATOR
SMD0705 SHOULDER-SMD0705 Datasheet
94Kb / 3P
CRYSTAL RESONATOR
SMD0503 SHOULDER-SMD0503 Datasheet
217Kb / 5P
CRYSTAL RESONATOR
49S-SMD SHOULDER-49S-SMD Datasheet
89Kb / 3P
CRYSTAL RESONATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com