Electronic Components Datasheet Search
  English  ▼

X  

PE4887 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4887
Description  MCX Jack Bulkhead Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4887 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4887 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4887 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4887 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .177 inch D Hole
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
Configuration
Connector
MCX Jack
Connector Specification
CECC 22220
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.682 [17.32]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MCX Jack
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188,
.177 inch D Hole PE4887
PE4887
PE4887 REV


Similar Part No. - PE4887

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4880 PASTERNACK-PE4880 Datasheet
81Kb / 1P
MCX PLUG, CRIMP ATTACHMENT FOR RG58
PE4881 PASTERNACK-PE4881 Datasheet
251Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4883 PASTERNACK-PE4883 Datasheet
94Kb / 1P
PASTERNACK ENTERPRISES
PE4884 PASTERNACK-PE4884 Datasheet
240Kb / 2P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
More results

Similar Description - PE4887

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4884 PASTERNACK-PE4884 Datasheet
240Kb / 2P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4551 PASTERNACK-PE4551_16 Datasheet
357Kb / 3P
MCX Plug Connector Crimp/Solder Attachment
PE4552 PASTERNACK-PE4552_16 Datasheet
365Kb / 4P
MCX Plug Connector Crimp/Solder Attachment
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4562 PASTERNACK-PE4562_16 Datasheet
354Kb / 3P
MCX Jack Connector Crimp/Solder Attachment
PE4095 PASTERNACK-PE4095_16 Datasheet
359Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4097 PASTERNACK-PE4097_16 Datasheet
360Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4337 PASTERNACK-PE4337_16 Datasheet
396Kb / 4P
SSMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4364 PASTERNACK-PE4364_16 Datasheet
356Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com