Electronic Components Datasheet Search
  English  ▼

X  

PE4978 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4978
Description  SC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4978 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4978 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4978 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4978 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400
Configuration
Connector
SC Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.75 [44.45]
Width/Dia., in [mm]
0.8 [20.32]
Height, in [mm]
1.5 [38.1]
.
Weight, lbs [g]
0.165 [74.84]
Connector
Type
SC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142,
RG223, RG400 PE4978
PE4978
PE4978 REV
SC Male Right Angle Connector Clamp/Solder Attachment
For RG58, RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE4978

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4970 PASTERNACK-PE4970 Datasheet
265Kb / 2P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .718 inch Hole Spacing
PE4971 PASTERNACK-PE4971 Datasheet
223Kb / 3P
C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4972 PASTERNACK-PE4972 Datasheet
258Kb / 3P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole, High Voltage
PE4973 PASTERNACK-PE4973 Datasheet
221Kb / 3P
C Female Bulkhead Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE4978

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4054 PASTERNACK-PE4054 Datasheet
279Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4053 PASTERNACK-PE4053 Datasheet
277Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4135 PASTERNACK-PE4135 Datasheet
276Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4957 PASTERNACK-PE4957 Datasheet
237Kb / 3P
C Male Right Angle Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4519 PASTERNACK-PE4519 Datasheet
237Kb / 3P
SC Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4226 PASTERNACK-PE4226 Datasheet
409Kb / 3P
MHV Male Right Angle Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com