Electronic Components Datasheet Search
  English  ▼

X  

5513 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5513
Description  BNC 50 Ohm Attenuator & Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5513 Datasheet(HTML) 1 Page - Pomona Electronics

  5513 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Made in the USA.
4/17/08
D1094074
Rev. 100
Page 1 of 1
Model 4108 & 5513
BNC 50 Ohm Attenuator & Kit
Sales: 800-490-2361 Fax: 425-446-5844
Technical Assistance: technicalsupport@pomonatest.com
Model 4108-20DB
FEATURES:
• Use to attenuate signals in coaxial lines
RATINGS:
Operating Temperature: -55°C to +102°C
Nominal Impedance: 50 Ohm
Power: 2 Watt @ 70°C; derated linearly to .6 watts
@ 150°C
Resistor Tolerance: 1± % @ 25°C
MATERIALS:
Body and Fittings – Brass per QQ-B-626, Alloy 360, ½
Hard
Center Contact – Male: Brass per QQ-B-626, Alloy 360,
½ Hard
; Female: Beryllium Copper per QQ-C-530, Cond.
HT.
Outer Contact – Beryllium Copper per QQ-C-530, Cond.
HT.
Dielectric – PTFE per ASTMD1457
Gaskets – Silicone rubber per ZZ-R-765, Class 11, Grade 50
Resistor – 2W, Metal film attenuator
Finish:
Body and Fittings – Tarnish Resistant
Center Contact – Gold plated per requirements of
MIL-C-39012
Outer Contact – Tarnish Resistant
Marking: Body – “POMONA 4108-*”
ORDERING INFORMATION:
Model 4108-XXdB, XX – See table for available
attenuations
5513 Kit contains 1 of each model


Similar Part No. - 5513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5513 ETC-5513 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Bourns Electronic Solut...
5513-RC BOURNS-5513-RC Datasheet
469Kb / 1P
High Current Chokes
logo
Alpha Wire
55131 ALPHAWIRE-55131 Datasheet
408Kb / 4P
18 (7/26) AWG Tinned Copper
55132 ALPHAWIRE-55132 Datasheet
409Kb / 4P
18 (7/26) AWG Tinned Copper
55133 ALPHAWIRE-55133 Datasheet
409Kb / 4P
18 (7/26) AWG Tinned Copper
More results

Similar Description - 5513

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4108 POMONA-4108 Datasheet
57Kb / 1P
BNC 50 Ohm Attenuator & Kit
logo
Amphenol Corporation
031-4237 AMPHENOL-031-4237 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-30220-1 AMPHENOL-031-30220-1 Datasheet
244Kb / 1P
BNC 50 ohm Bulkhead Plugs
UG492D-U AMPHENOL-UG492D-U Datasheet
168Kb / 1P
BNC 50 ohm Bulkhead Adapters
logo
Tyco Electronics
1-1337463-0 MACOM-1-1337463-0 Datasheet
87Kb / 1P
BNC PLUG TERMINAL 50 OHM
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
BNC Connectors (50 ohm/75 ohm)
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
BNC Connectors, 50 Ohm
logo
Adam Technologies, Inc.
RF1-01V-P-00-50 ADAM-TECH-RF1-01V-P-00-50 Datasheet
80Kb / 1P
BNC VERTICAL 50 OHM
RF1-22-D-XX-50 ADAM-TECH-RF1-22-D-XX-50 Datasheet
52Kb / 1P
DOUBLE BNC MALE 50 OHM
RF1-31-D-XX-75 ADAM-TECH-RF1-31-D-XX-75 Datasheet
95Kb / 1P
BNC VERTICAL 50 OHM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com