Electronic Components Datasheet Search
  English  ▼

X  

6552 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6552
Description  Microline Oscilloscope Probes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6552 Datasheet(HTML) 1 Page - Pomona Electronics

  6552 Datasheet HTML 1Page - Pomona Electronics 6552 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
7/11/02 SY/EH/LS
PomonaACCESS 90970 (800) 444-6785 or (425) 446-6010
Last saved by Laura Goldberg
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet \d6551_52_54_2_01.doc
Page 1 of 2
Model 6551, 6552 and 6554
Microline Oscilloscope Probes
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Small probe size is ideal for testing in hard to access areas.
• A set of accessories is included with each probe.
• As a minimum all probes meet IEC1010-2-031, 500 V CAT I, 300V CAT II.
RATINGS:
Maximum voltage must be derated with respect to frequency.
ORDERING INFORMATION: Model 6551, 6552, 6554


Similar Part No. - 6552

ManufacturerPart #DatasheetDescription
logo
Littelfuse
655 LITTELFUSE-655 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
France Joint
655 FRANCEJOINT-655 Datasheet
1Mb / 2P
PISTON SEALS
logo
Automatic Timing & Cont...
655 ATC-655 Datasheet
540Kb / 2P
Panel Mounted Digital Timer
logo
Abbatron All Rights Res...
655 ABBATRON-655 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Automatic Timing & Cont...
655-8-4000 ATC-655-8-4000 Datasheet
540Kb / 2P
Panel Mounted Digital Timer
More results

Similar Description - 6552

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6551 POMONA-6551 Datasheet
124Kb / 1P
Microline Passive Oscilloscope Probe w/RO
6554 POMONA-6554 Datasheet
123Kb / 1P
Microline Passive Oscilloscope Probe
73040 POMONA-73040 Datasheet
87Kb / 1P
Accessory Kit for Modular & Microline Passive Oscilloscope Probes
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
Oscilloscope Probe
logo
Pomona Electronics
5800A POMONA-5800A Datasheet
86Kb / 2P
General Purpose Oscilloscope Probes
logo
List of Unclassifed Man...
P250BR ETC2-P250BR Datasheet
195Kb / 2P
Oscilloscope / Differential Probes
N2893A ETC2-N2893A Datasheet
8Mb / 29P
InfiniiVision Oscilloscope Probes and Accessories
logo
Maxim Integrated Produc...
MAX5717 MAXIM-MAX5717 Datasheet
4Mb / 22P
Digital Oscilloscope
Rev 0; 6/16
logo
TEKTRONIX, INC.
TBS2000B TEKTRONIX-TBS2000B Datasheet
2Mb / 18P
Digital Storage Oscilloscope
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
Probes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com