Electronic Components Datasheet Search
  English  ▼

X  

STP26NM60N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP26NM60N
Description  N-channel 600 V, 0.135 Ω typ., 20 A MDmesh™II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP26NM60N Datasheet(HTML) 3 Page - STMicroelectronics

  STP26NM60N Datasheet HTML 1Page - STMicroelectronics STP26NM60N Datasheet HTML 2Page - STMicroelectronics STP26NM60N Datasheet HTML 3Page - STMicroelectronics STP26NM60N Datasheet HTML 4Page - STMicroelectronics STP26NM60N Datasheet HTML 5Page - STMicroelectronics STP26NM60N Datasheet HTML 6Page - STMicroelectronics STP26NM60N Datasheet HTML 7Page - STMicroelectronics STP26NM60N Datasheet HTML 8Page - STMicroelectronics STP26NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
STB26NM60N, STF26NM60, STI26NM60N, STP26NM60N, STW26NM60N
Electrical ratings
Doc ID 15642 Rev 5
3/23
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK, I²PAK,
TO-220, TO-247
TO-220FP
VDS
Drain-source voltage
600
V
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
20
20(1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC = 100 °C
12.6
12.6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
80
80(1)
A
PTOT
Total dissipation at TC = 25 °C
140
35
W
Derating factor
1.12
0.28
W/°C
dv/dt (3)
3.
ISD ≤ 20 A, di/dt ≤ 400 A/µs, VDSpeak ≤V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
Tstg
Storage temperature
–55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-247 TO-220
I²PAK D²PAK TO-220FP
Rthj-case
Thermal resistance junction-
case max
0.89
3.6
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
50
62.5
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec.
Thermal resistance junction-pcb
max
30
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com