Electronic Components Datasheet Search
  English  ▼

X  

PE44162 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44162
Description  75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44162 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44162 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44162 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
Configuration
Connector
TNC Male
Connector Interface Type
RG6
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.105 [28.07]
Width/Dia., in [mm]
0.59 [15]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
TNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/tnc-male-standard-rg6-connector-pe44162-p.aspx
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE44162
PE44162 REV


Similar Part No. - PE44162

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4416 PASTERNACK-PE4416 Datasheet
85Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE44161 PASTERNACK-PE44161 Datasheet
95Kb / 1P
75 OHM TNC MALE CLAMP ATTACHMENT FOR RG66
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE44164 PASTERNACK-PE44164 Datasheet
221Kb / 3P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG11
PE44165 PASTERNACK-PE44165 Datasheet
98Kb / 1P
75 OHM TNC MALE, CLAMP ATTACHMENT FOR RG59
More results

Similar Description - PE44162

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE4508 PASTERNACK-PE4508 Datasheet
222Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
PE4507 PASTERNACK-PE4507 Datasheet
243Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG6
PE44169 PASTERNACK-PE44169 Datasheet
263Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6
PE44164 PASTERNACK-PE44164 Datasheet
221Kb / 3P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG11
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com