Electronic Components Datasheet Search
  English  ▼

X  

PE44263 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44263
Description  75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44263 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44263 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44263 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 1.6/5.6 Plug Connector Crimp/Solder Attachment For RG59
Configuration
Connector
1.6/5.6 Plug
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.215 [30.86]
Width/Dia., in [mm]
0.425 [10.80]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.6/5.6 Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm 1.6/5.6 Plug Connector Crimp/Solder Attachment For RG59 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.6/5.6 Plug Connector Crimp/Solder Attachment For RG59 PE44263
URL:
http://www.pasternack.com/1.6-5.6-plug-standard-rg59-connector-pe44263-p.aspx
PE44263
PE44263 REV
75 Ohm 1.6/5.6 Plug Connector Crimp/
Solder Attachment For RG59


Similar Part No. - PE44263

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44260 PASTERNACK-PE44260 Datasheet
211Kb / 2P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp- Solder Attachment For RG58, .236 inch DD Hole
PE44261 PASTERNACK-PE44261 Datasheet
216Kb / 3P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .236 inch DD Hole
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PE44264 PASTERNACK-PE44264 Datasheet
305Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
More results

Similar Description - PE44263

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44264 PASTERNACK-PE44264 Datasheet
305Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4658 PASTERNACK-PE4658 Datasheet
216Kb / 3P
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE44267 PASTERNACK-PE44267 Datasheet
214Kb / 2P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/ Solder Attachment For RG59, .362 inch DD Hole
PE44269 PASTERNACK-PE44269 Datasheet
216Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Bulkhead Connector Crimp/Solder Attachment For RG59, .362 inch DD Hole
PE4614 PASTERNACK-PE4614 Datasheet
205Kb / 2P
75 Ohm BNC Female Connector Crimp/ Solder Attachment For RG59
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PE44265 PASTERNACK-PE44265 Datasheet
218Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com