Electronic Components Datasheet Search
  English  ▼

X  

PE44300 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44300
Description  MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44300 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44300 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44300 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44300 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Connector Crimp/Solder Attachment For RG179, RG187
Configuration
Connector
MCX Jack
Connector Specification
MIL-C-39012
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
75
Maximum VSWR
1.37:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.17:1
Insertion Loss, dB
0.1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.837 [21.26]
Width/Dia., in [mm]
0.234 [5.94]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MCX Jack
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
10µ in minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Connector Crimp/Solder Attachment For RG179, RG187 PE44300
PE44300
PE44300 REV
MCX Jack Connector Crimp/Solder
Attachment For RG179, RG187


Similar Part No. - PE44300

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE4430 PASTERNACK-PE4430 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE44300

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4886 PASTERNACK-PE4886 Datasheet
262Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4902 PASTERNACK-PE4902 Datasheet
220Kb / 3P
MMCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4884 PASTERNACK-PE4884 Datasheet
240Kb / 2P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4926 PASTERNACK-PE4926 Datasheet
300Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4927 PASTERNACK-PE4927 Datasheet
282Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4365 PASTERNACK-PE4365 Datasheet
223Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE4364 PASTERNACK-PE4364 Datasheet
265Kb / 2P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com