Electronic Components Datasheet Search
  English  ▼

X  

M54HC148 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC148
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC148 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC148 Datasheet HTML 3Page - STMicroelectronics M54HC148 Datasheet HTML 4Page - STMicroelectronics M54HC148 Datasheet HTML 5Page - STMicroelectronics M54HC148 Datasheet HTML 6Page - STMicroelectronics M54HC148 Datasheet HTML 7Page - STMicroelectronics M54HC148 Datasheet HTML 8Page - STMicroelectronics M54HC148 Datasheet HTML 9Page - STMicroelectronics M54HC148 Datasheet HTML 10Page - STMicroelectronics M54HC148 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
M54HC245
Rad-hard octal bus transceiver 3-
state
50 krad
(Si)
ESCC
Y
9405/013
Flat-20 -
DIL-20
2.0
6.0
0 to
Vcc
-55 °C
to 125 °C
M54HCT245
Rad-hard octal bus transceiver 3-
state
Y
9405/014
Flat-20 -
DIL-20
4.5
5.5
TTL
compatible
M54HC251
Rad-hard 8-channel multiplexer 3-
state
-
9408/048
Flat-16 -
DIL-16
2.0
6.0
M54HC253
Rad-hard dual 4-channel multiplexer
3-state
-
9408/058
Flat-16 -
DIL-16
2.0
6.0
M54HC257
Rad-hard quad 2-channel multiplexer
3-state
Y
9408/047
Flat-16
2.0
6.0
M54HC259
Rad-hard 8-bit adressable latch
-
9203/073
Flat-16 -
DIL-16
2.0
6.0
M54HC273
Rad-hard octal d-type flip-flop with
clear
Y
9203/053
Flat-20 -
DIL-20
2.0
6.0
M54HC283
Rad-hard 4-bit binary full adder
Y
9202/075
Flat-16 -
DIL-16
2.0
6.0
M54HC365
Rad-hard Hex bus buffer 3-state
-
9401/052
Flat-16 -
DIL-16
2.0
6.0
M54HC367
Rad-hard Hex bus buffer 3-state
-
9401/044
Flat-16 -
DIL-16
2.0
6.0
Independe
nt enables
M54HC373
Rad-hard octal D-Type latch 3-state
Y
9203/059
Flat-20 -
DIL-20
2.0
6.0
M54HCT373 Rad-hard octal D-Type latch 3-state
Y
9203/064
Flat-20 -
DIL-20
4.5
5.5
TTL
compatible
M54HC374
Rad-hard octal D-Type Flip-Flop 3-
state
Y
9203/060
Flat-20 -
DIL-20
2.0
6.0
M54HCT374
Rad-hard octal D-Type Flip-Flop 3-
state
Y
9203/066
Flat-20 -
DIL-20
4.5
5.5
TTL
compatible
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
ESCC
specification
Package
Vcc
Vin
range
Other
features
Temp.
range
Min Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com