Electronic Components Datasheet Search
  English  ▼

X  

PE44324 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44324
Description  75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG6-CATV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44324 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44324 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44324 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44324 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm F Female Bulkhead Connector Crimp/
Solder Attachment For RG6-CATV
75 Ohm F Female Bulkhead Connector Crimp/Solder Attachment For RG6-CATV
Configuration
Connector
F Female
Connector Interface Type
RG6-CATV
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
1.23 [31.24]
Width/Dia., in [mm]
0.438 [11]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
F Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minumum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minumum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female Bulkhead Connector Crimp/Solder Attachment For RG6-CATV PE44324
PE44324
PE44324 REV


Similar Part No. - PE44324

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4432 PASTERNACK-PE4432 Datasheet
242Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4432 PASTERNACK-PE4432 Datasheet
318Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44321 PASTERNACK-PE44321 Datasheet
205Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG6-CATV
PE44322 PASTERNACK-PE44322 Datasheet
273Kb / 3P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG59, RG62
More results

Similar Description - PE44324

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE4508 PASTERNACK-PE4508 Datasheet
222Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
PE44162 PASTERNACK-PE44162 Datasheet
259Kb / 2P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
PE44325 PASTERNACK-PE44325 Datasheet
213Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG59, RG62
PE44326 PASTERNACK-PE44326 Datasheet
256Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG179, RG187
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
PE4514 PASTERNACK-PE4514 Datasheet
231Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG6
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com