Electronic Components Datasheet Search
  English  ▼

X  

M54HC153 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M54HC153
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC153 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M54HC153 Datasheet HTML 5Page - STMicroelectronics M54HC153 Datasheet HTML 6Page - STMicroelectronics M54HC153 Datasheet HTML 7Page - STMicroelectronics M54HC153 Datasheet HTML 8Page - STMicroelectronics M54HC153 Datasheet HTML 9Page - STMicroelectronics M54HC153 Datasheet HTML 10Page - STMicroelectronics M54HC153 Datasheet HTML 11Page - STMicroelectronics M54HC153 Datasheet HTML 12Page - STMicroelectronics M54HC153 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Note:
Contact ST sales office for information about the specific conditions for other 54AC or 54ACT part number, product in die form and
QML-Q versions
M54HC4050 Rad-hard hex buffer/converter
50 krad
(Si)
ESCC
Y
9401/038
Flat-16 -
DIL-16
2.0
6.0
0 to
Vcc
-55 °C
to 125 °C
M54HC4051
Rad-hard single 8-channel analog
mux/demux
-
9408/064
Flat-16 -
DIL-16
2.0
6.0
M54HC4053
Rad-hard triple 2-channel analog
mux/demux
-
9408/065
Flat-16 -
DIL-16
2.0
6.0
M54HC4060
Rad-hard 14-stage binary
counter/oscillator
-
9204/076
Flat-16 -
DIL-16
2.0
6.0
M54HC4066 Rad-hard quad bilateral switch
-
9408/052
Flat-14 -
DIL-14
2.0
6.0
M54HC4072 Rad-hard dual 4-input OR gate
-
9201/124
Flat-14 -
DIL-14
2.0
6.0
M54HC4075 Rad-hard triple 3-input OR gate
-
9201/129
Flat-14 -
DIL-14
2.0
6.0
M54HC4078 Rad-hard 8-input NOR/OR gate
-
9201/123
Flat-14 -
DIL-14
2.0
6.0
M54HC4094
Rad-hard 8-bit SIPO shit register 3-
state
-
9306/050
Flat-16 -
DIL-16
2.0
6.0
M54HC4514 Rad-hard 4-to-16 line decoder latch
-
9205/019
Flat-24 -
DIL-24
2.0
6.0
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
ESCC
specification
Package
Vcc
Vin
range
Other
features
Temp.
range
Min Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com