Electronic Components Datasheet Search
  English  ▼

X  

PE44336 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44336
Description  1.85mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44336 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44336 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44336 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44336 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1.85mm Male Connector Clamp/Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405
1.85mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
1.85mm Male
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 60
Impedance, Ohms
50
Maximum VSWR
1.33:1
Maximum Insertion Loss, dB
0.39
Mechanical Specifications
Size
Length, in [mm]
0.531 [13.49]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
1.85mm Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204, Type II, Class 1
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 1.85mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE44336
PE44336
PE44336 REV


Similar Part No. - PE44336

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE4433 PASTERNACK-PE4433 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE44330 PASTERNACK-PE44330 Datasheet
344Kb / 3P
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
PE44331 PASTERNACK-PE44331 Datasheet
213Kb / 2P
75 Ohm F Female Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
PE44332 PASTERNACK-PE44332 Datasheet
220Kb / 3P
75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch Hole Spacing
More results

Similar Description - PE44336

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
PE4361 PASTERNACK-PE4361 Datasheet
298Kb / 2P
SMC JACK CONNECTOR CLAMP/SOLDER ATTACHMENT FOR PE-SR405AL, PE-SR405FL,RG405
PE4672 PASTERNACK-PE4672 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4982 PASTERNACK-PE4982 Datasheet
280Kb / 2P
3.5mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4142 PASTERNACK-PE4142 Datasheet
104Kb / 1P
TNC MALE, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com