Electronic Components Datasheet Search
  English  ▼

X  

XC7SET32 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # XC7SET32
Description  High-speed Si-gate CMOS device, 2-input OR function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET32 Datasheet(HTML) 2 Page - NXP Semiconductors

  XC7SET32 Datasheet HTML 1Page - NXP Semiconductors XC7SET32 Datasheet HTML 2Page - NXP Semiconductors XC7SET32 Datasheet HTML 3Page - NXP Semiconductors XC7SET32 Datasheet HTML 4Page - NXP Semiconductors XC7SET32 Datasheet HTML 5Page - NXP Semiconductors XC7SET32 Datasheet HTML 6Page - NXP Semiconductors XC7SET32 Datasheet HTML 7Page - NXP Semiconductors XC7SET32 Datasheet HTML 8Page - NXP Semiconductors XC7SET32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XC7SET32_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 September 2009
2 of 11
NXP Semiconductors
XC7SET32
2-input OR gate
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking codes
Type number
Marking code[1]
XC7SET32GW
gG
XC7SET32GV
g32
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna164
B
A
Y
2
1
4
mna165
4
≥1
2
1
Fig 3.
Logic diagram
mna166
B
A
Y
Fig 4.
Pin configuration SOT353-1 (TSSOP5) and SOT753 (SC-74A)
XC7SET32
BVCC
A
GND
Y
001aak116
1
2
3
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11