Electronic Components Datasheet Search
  English  ▼

X  

XC7WT14GD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # XC7WT14GD
Description  High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7WT14GD Datasheet(HTML) 3 Page - NXP Semiconductors

  XC7WT14GD Datasheet HTML 1Page - NXP Semiconductors XC7WT14GD Datasheet HTML 2Page - NXP Semiconductors XC7WT14GD Datasheet HTML 3Page - NXP Semiconductors XC7WT14GD Datasheet HTML 4Page - NXP Semiconductors XC7WT14GD Datasheet HTML 5Page - NXP Semiconductors XC7WT14GD Datasheet HTML 6Page - NXP Semiconductors XC7WT14GD Datasheet HTML 7Page - NXP Semiconductors XC7WT14GD Datasheet HTML 8Page - NXP Semiconductors XC7WT14GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
XC7WT14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
3 of 18
NXP Semiconductors
XC7WT14
Triple inverting Schmitt trigger
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level
Fig 6.
Pin configuration SOT996-2
001aam985
XC7WT14
Transparent top view
8
7
6
5
1
2
3
4
1A
3Y
2A
GND
VCC
1Y
3A
2Y
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 6
data input
GND
4
ground (0 V)
1Y, 2Y, 3Y
7, 5, 2
data output
VCC
8
supply voltage
Table 4.
Function table [1]
Input nA
Output nY
LH
HL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com