Electronic Components Datasheet Search
  English  ▼

X  

PE44533 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44533
Description  N Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44533 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44533 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44533 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Crimp/Solder
Attachment For PE-C240, 0.240 inch
N Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
Configuration
Connector
N Female
Connector Interface Type
PE-C240,0.240 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.45 [36.83]
Width/Dia., in [mm]
0.67 [17]
.
Weight, lbs [g]
0.07 [31.75]
Connector
Type
N Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nexcote
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch PE44533
URL: http://www.pasternack.com/n-female-standard-pe-c240-0.240-connector-pe44533-p.aspx
PE44533
PE44533 REV


Similar Part No. - PE44533

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
More results

Similar Description - PE44533

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44525 PASTERNACK-PE44525 Datasheet
217Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44537 PASTERNACK-PE44537 Datasheet
265Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44545 PASTERNACK-PE44545 Datasheet
281Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44637 PASTERNACK-PE44637 Datasheet
215Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44639 PASTERNACK-PE44639 Datasheet
242Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44635 PASTERNACK-PE44635 Datasheet
218Kb / 2P
TNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com