Electronic Components Datasheet Search
  English  ▼

X  

PE44535 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44535
Description  N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44535 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44535 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44535 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
Configuration
Connector
N Female
Connector Interface Type
PE-C600,0.600 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.95 [49.53]
Width/Dia., in [mm]
0.86 [21.84]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
N Female
Contact Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch PE44535
URL: http://www.pasternack.com/n-female-standard-pe-c600-0.600-connector-pe44535-p.aspx
PE44535
PE44535 REV
N Female Connector Crimp/Solder
Attachment For PE-C600, 0.600 inch


Similar Part No. - PE44535

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
More results

Similar Description - PE44535

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44350 PASTERNACK-PE44350 Datasheet
324Kb / 3P
N Female Connector Clamp/Solder Attachment For PE-C600
PE44547 PASTERNACK-PE44547 Datasheet
283Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44533 PASTERNACK-PE44533 Datasheet
213Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44349 PASTERNACK-PE44349 Datasheet
236Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-C600
PE44527 PASTERNACK-PE44527 Datasheet
215Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
PE44534 PASTERNACK-PE44534 Datasheet
213Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44454 PASTERNACK-PE44454 Datasheet
250Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com