Electronic Components Datasheet Search
  English  ▼

X  

PE44557 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44557
Description  7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44557 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44557 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44557 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
Configuration
Connector
7/16 DIN Male
Connector Interface Type
1/2 inch Helical
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.035 [51.69]
Width/Dia., in [mm]
1.25 [31.75]
.
Weight, lbs [Kg]
4.8 [2.18]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical PE44557
URL: http://www.pasternack.com/7-16-male-standard-1-2-inch-helical-connector-pe44557-p.aspx
PE44557
PE44557 REV
7/16 DIN Male Connector Clamp/Solder
Attachment For 1/2 inch Helical


Similar Part No. - PE44557

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44550 PASTERNACK-PE44550 Datasheet
291Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, 1.161 inch DD Hole
PE44551 PASTERNACK-PE44551 Datasheet
276Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, 1.161 inch DD Hole
PE44552 PASTERNACK-PE44552 Datasheet
420Kb / 3P
N Male Connector Clamp-Non-Solder Contact Attachment for 1-2 inch Helical
More results

Similar Description - PE44557

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44559 PASTERNACK-PE44559 Datasheet
378Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For 1/2 inch Helical
PE44553 PASTERNACK-PE44553 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44567 PASTERNACK-PE44567 Datasheet
237Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44568 PASTERNACK-PE44568 Datasheet
215Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44558 PASTERNACK-PE44558 Datasheet
227Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44979 PASTERNACK-PE44979 Datasheet
267Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Non-Solder Contact Attachment For 1/2 inch Helical, IP 68 Rated
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE4567 PASTERNACK-PE4567 Datasheet
401Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com