Electronic Components Datasheet Search
  English  ▼

X  

PE44559 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44559
Description  7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For 1/2 inch Helical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44559 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44559 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44559 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44559 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Helical from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Helical PE44559
URL: http://www.pasternack.com/7-16-male-standard-1-2-inch-helical-connector-pe44559-p.aspx
PE44559
PE44559 REV
7/16 DIN Male Right Angle Connector Clamp/
Solder Attachment For 1/2 inch Helical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com