Electronic Components Datasheet Search
  English  ▼

X  

PE44571 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44571
Description  7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44571 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44571 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44571 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44571 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
Configuration
Connector
7/16 DIN Female
Connector Specification
IEC60169-4
Connector Interface Type
7/8 inch Annular
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum Return Loss, dB
26
Maximum Operating Voltage, Volts
2,700
Frequency 1
Frequency, GHz
DC to 2
Insertion Loss, dB
0.05
Power Handling, Watts
300
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
2.64 [67.06]
Width/Dia., in [mm]
1.367 [34.72]
.
Weight, lbs [Kg]
6.6 [2.99]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Brass, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular PE44571
PE44571
PE44571 REV
7/16 DIN Female Connector Clamp/Solder
Attachment For 7/8 inch Annular


Similar Part No. - PE44571

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4457 PASTERNACK-PE4457 Datasheet
110Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44572 PASTERNACK-PE44572 Datasheet
213Kb / 2P
75 Ohm F Male Precision Connector Compression Attachment For PE-B159
PE44573 PASTERNACK-PE44573 Datasheet
210Kb / 2P
75 Ohm F Male Connector Compression Attachment For Mini 59, PE-B159
PE44574 PASTERNACK-PE44574 Datasheet
204Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For Mini 59, PE-B159
More results

Similar Description - PE44571

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44566 PASTERNACK-PE44566 Datasheet
330Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44568 PASTERNACK-PE44568 Datasheet
215Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE45036 PASTERNACK-PE45036 Datasheet
410Kb / 3P
N Female Connector Clamp - Non-Solder Contact Attachment for 7/8 inch annular
PE44288 PASTERNACK-PE44288 Datasheet
237Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For RG14, RG217
PE44291 PASTERNACK-PE44291 Datasheet
232Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment
PE44558 PASTERNACK-PE44558 Datasheet
227Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com