Electronic Components Datasheet Search
  English  ▼

X  

PE7204-10 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7204-10
Description  10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7204-10 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7204-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7204-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7204-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female
Directional Rated To 100 Watts Up To 6 GHz
PE7204-10
CAD Drawing
PE7204-10 REV NC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com