Electronic Components Datasheet Search
  English  ▼

X  

PE4477 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4477
Description  HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4477 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4477 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4477 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4477 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
HN Male Connector Crimp/Solder Attachment
For RG55, RG142, RG223, RG400
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
Configuration
Connector
HN Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG55,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.613 [40.97]
Width/Dia., in [mm]
0.9 [23]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
HN Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ - 5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 PE4477
PE4477
PE4477 REV


Similar Part No. - PE4477

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4477 PASTERNACK-PE4477 Datasheet
319Kb / 3P
HN Male Connector Crimp/Solder Attachment
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44773 PASTERNACK-PE44773 Datasheet
274Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
More results

Similar Description - PE4477

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4044 PASTERNACK-PE4044 Datasheet
268Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4047 PASTERNACK-PE4047 Datasheet
268Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44514 PASTERNACK-PE44514 Datasheet
296Kb / 2P
QMA Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44595 PASTERNACK-PE44595 Datasheet
223Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44978 PASTERNACK-PE44978 Datasheet
200Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44461 PASTERNACK-PE44461 Datasheet
344Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG142, RG223, RG400, RG55
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com