Electronic Components Datasheet Search
  English  ▼

X  

PE4479 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4479
Description  HN Male Connector Clamp/Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4479 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4479 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4479 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4479 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
HN Male Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
HN Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.53 [38.86]
Width/Dia., in [mm]
0.9 [22.86]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
HN Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male Connector Clamp/Solder Attachment For RG59, RG62 PE4479
PE4479
PE4479 REV
HN Male Connector Clamp/Solder Attachment For RG59, RG62


Similar Part No. - PE4479

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4479 PASTERNACK-PE4479 Datasheet
319Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44797 PASTERNACK-PE44797 Datasheet
286Kb / 3P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR047FL, PE-SR047AL, PE-047SR
PE44798 PASTERNACK-PE44798 Datasheet
283Kb / 3P
2.92mm Female Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE4479

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4331 PASTERNACK-PE4331 Datasheet
312Kb / 2P
N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4962 PASTERNACK-PE4962 Datasheet
260Kb / 2P
C Female Connector Clamp/Solder Attachment For RG59, RG62
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
PE4717 PASTERNACK-PE4717 Datasheet
261Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4024 PASTERNACK-PE4024 Datasheet
317Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4320 PASTERNACK-PE4320 Datasheet
206Kb / 2P
BNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com