Electronic Components Datasheet Search
  English  ▼

X  

AX220XX Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX220XX
Description  Single Chip Microcontroller with TCP/IP and 802.11 WLAn MAC/Baseband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX220XX Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX220XX Datasheet HTML 1Page - ASIX Electronics Corporation AX220XX Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
AX220xx
Single Chip Microcontroller with TCP/IP
and 802.11 WLAN MAC/Baseband
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Released Date: 1/28/2013
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/
Features
Product Brief
Dual-CPU Architecture for Application and
WLAN Protocol Processing
8-bit
pipelined
RISC,
single
cycle
per
instruction operating up to 80MHz and 100%
software compatible with standard 8051/80390
Supports
power
management
unit,
programmable watchdog timer, three 16-bit
timer/counters, millisecond timer and real-time
clock (RTC) controller
Supports CPU Debugger for connecting to
In-Circuit Emulation (ICE) adaptor
Main CPU (MCPU) for Application and TCP/IP
Supports DMA Controllers (7 DMA channels)
and memory arbiter for fast data movement
during network protocol stack processing and
peripheral communications
Supports TCP/IP accelerator in hardware
(IP/TCP/UDP/ICMP/IGMP checksum and ARP)
to improve network transfer throughput
Supports TCP, UDP, ICMP, IGMP, IPv4,
DHCP, BOOTP, ARP, DNS, SMTP, SNTP,
UPnP, PPPoE and HTTP in software
Supports network boot over Ethernet or Wi-Fi
using BOOTP and TFTP
2 external interrupt sources with 2 priority
levels
Program and Data Memory
On-chip 16KB SRAM for MCPU program code
mirroring and on-chip 1MB shared Flash
memory for MCPU and WCPU program code
Supports In-System Programming (ISP) for
initial Flash memory programming via UART
or ICE adaptor
Supports reprogrammable boot code and In-
Application Programming (IAP) to update boot
code or run-time firmware through Ethernet,
Wi-Fi or UART interface (US Patent Approval)
Supports Program Loader to shadow MCPU
program code to external SRAM for high
performance applications
On-chip 64KB data memory for MCPU,
expandable up to 2MB through External
Memory Interface; on-chip 32KB data memory
for WCPU
Wi-Fi
CPU
(WCPU)
and
802.11a/b/g
Compatible WLAN MAC/Baseband Processor
Supports operation in Infrastructure, Simple AP
or Ad-Hoc (IBSS) network topology
Supports DSSS and CCK: 1, 2, 5.5 & 11 Mbps
Supports OFDM: 6, 9, 12, 18, 24, 36, 48 & 54
Mbps
Supports 802.11i security: WEP-64/128, TKIP,
AES
Supports 802.11e QoS with 1 TX queue but
selectable AC for user’s application data
Integrates on-chip RXIQ ADC, TXIQ DAC and
TSSI ADC for interfacing to RF Transceiver
Supports Ethernet to Wi-Fi packet format
translation through DMA transfer between
MCPU’s data memory and WCPU’s data
memory and between WCPU’s data memory
and WLAN MAC
Supports various Wi-Fi Management frames
processing with hardware accelerator such as
MIC, SHA-1/MD-5 transform, AES key unwrap,
pseudo-random number generator (PRNG) and
32-bits arithmetic
Supports 3 Wi-Fi power saving modes with
auto-wakeup for Beacon frame reception
Supports 1 UART for WCPU console debug, 1
external interrupt and access to I2C interface
10/100M Fast Ethernet MAC
IEEE 802.3 10Base-T/100Base-TX compatible
Fast Ethernet MAC with dedicated 12KB
SRAM for packet buffering
Supports full-duplex with flow control and
half-duplex with backpressure
Supports MII, RMII, Rev-MII and Rev-RMII
interfaces
Supports Ethernet Wake-On-LAN (WOL) by
link-up, AMD Magic Packet and Microsoft
Wakeup Frame
Peripheral Communication Interfaces
4 UART interfaces (2 supporting DMA mode,
Modem control, remote wake-up and up to
921.6Kbps baud)
High Speed SPI interface with DMA mode (3
masters or 1 slave mode)
1 I2S or PCM interface with DMA mode
Local Bus host interface with DMA mode
(master or slave mode)
1 I2C interface (master or slave mode)
5 channels of Programmable Counter Array
1 1-Wire controller interface
Up to 4~8 GPIO ports of 8 bits each
Integrates 32.768KHz crystal oscillator IO (with
independent
power
input)
for
RTC
and
auto-wakeup timer of Wi-Fi power saving mode
Integrates on-chip 80MHz PLL to operate with
external 40MHz oscillator
Integrates on-chip power-on reset circuit
128-pin LQFP or 180-pin LFBGA RoHS compliant
package
Operating temperature range: 0°C to +70°C


Similar Part No. - AX220XX

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX2200 SEOUL-AX2200 Datasheet
639Kb / 20P
Acriche series
More results

Similar Description - AX220XX

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11015 ASIX-AX11015 Datasheet
165Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11001 ASIX-AX11001 Datasheet
144Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
logo
Cypress Semiconductor
BCM43243KFFBG CYPRESS-BCM43243KFFBG Datasheet
1Mb / 78P
Single-Chip IEEE 802.11 a/b/g/n 2횞2 MAC/Baseband/Radio
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
CYW4343W CYPRESS-CYW4343W Datasheet
1Mb / 103P
Single-Chip 802.11 b/g/n MAC/Baseband/Radiowith Bluetooth 4.1
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com