Electronic Components Datasheet Search
  English  ▼

X  

AX88179 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88179
Description  USB 3.0 tp 10/100/1000M Gigabit Ethernet Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88179 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88179 Datasheet HTML 1Page - ASIX Electronics Corporation AX88179 Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
AX88179
USB 3.0 to 10/100/1000M Gigabit Ethernet Controller
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Released Date: 9/20/2012
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/
Features
Product Brief
Single chip USB 3.0 to 10/100/1000M Gigabit
Ethernet controller with Energy Efficient Ethernet
(EEE) base on digital signal processing (DSP)
technology with low dissipation
USB Device Controller
Integrates on-chip USB 3.0 PHY and controller
compliant to USB Spec 3.0, 2.0 and 1.1
Supports all USB 3.0 power saving modes (U0, U1,
U2, and U3)
Supports USB Super/High/Full Speed modes with
Bus-power
or
Self-power
device
auto-detect
capability
High performance packet transfer rate over USB
bus using proprietary burst transfer mechanism
(US Patent Approval)
Gigabit Ethernet Controller
Supports IEEE 802.3az (Energy Efficient Ethernet)
IEEE 802.3, 802.3u and 802.3ab compatible
Integrates
10/100/1000Mbps
Gigabit
Ethernet
MAC/PHY
Supports dynamic cable length detection and
dynamic
power
adjustment
Green
Ethernet
(Gigabit mode only)
Supports parallel detection and automatic polarity
correction
Supports crossover detection and auto- correction
Supports IPv4/IPv6 packet Checksum Offload
Engine (COE) to reduce CPU loading, including
IPv4
IP/TCP/UDP/ICMP/IGMP
&
IPv6
TCP/UDP/ICMPv6 checksum check & generation
Supports TCP Large Send Offload V1
Supports full duplex operation with IEEE 802.3x
flow control and half duplex operation with
back-pressure flow control
Supports IEEE 802.1P Layer 2 Priority Encoding
and Decoding
Supports IEEE 802.1Q VLAN tagging and 2
VLAN ID filtering; received VLAN Tag (4 bytes)
can be stripped off or preserved
Supports Jumbo frame
PHY loop-back diagnostic capability
Support Wake-on-LAN Function
Supports suspend mode and remote wakeup via
link-change, Magic Packet, Microsoft Wakeup
Frame and external wakeup pin
Supports Bonjour wake-on-demand
Advanced Power Management Features
Supports power management offload (ARP & NS)
Supports dynamic power management to reduce
power dissipation during idle or light traffic
Supports
AutoDetach
power
saving
–
Soft-disconnected from USB host when Ethernet
cable is unplugged
Supports advanced link down power saving when
Ethernet cable is unplugged
Supports optional serial EEPROM (93c56/66) for
storing USB Descriptors, Node-ID, etc.
Supports embedded eFuse (64-byte) to store USB
Device Descriptors, Node-ID, etc to save external
EEPROM
Supports
automatic
loading
of
USB
Device
Descriptors, Node-ID, etc. from embedded eFuse or
external EEPROM after power-on initialization
Single 25MHz clock input from either crystal or
oscillator source
Integrates on-chip power-on reset circuit
Integrates pipelined RISC (System on a Chip, SoC)
for handling protocol and control functions
68-pin QFN 8mm x 8mm RoHS/REACH compliant
package
Operating over 0°C to 70°C temperature range
Product Description
AX88179 can be used in any embedded system with a USB host microcontroller requiring a twisted pair physical
network connection. Featuring a USB interface (compliant with USB specification V3.0, V2.0 and V1.1) to
communicate with a USB Host Controller, the AX88179 also integrates on-chip Gigabit Ethernet MAC and PHY
(IEEE802.3, IEEE802.3u and IEEE802.3ab compatible). Additionally, the AX88179 needs only a single 25MHz crystal
to drive both the USB and Ethernet PHYs.
The AX88179 offers a wide array of features including IPv4/IPv6 checksum offload engine, crossover detection and
auto-correction, TCP large send offload and IEEE802.3az EEE (Energy Efficient Ethernet). The EEE defines a
mechanism that allows the AX88179 to enter a low power idle state to reduce power and to achieve a more energy
efficient Ethernet. It supports dynamic cable length detection and dynamic power adjustment Green Ethernet in Gigabit
mode. The AX88179 also offers multiple power management Wake-on-LAN features, including Magic Packet,
Microsoft Wakeup Frame and Link Status Change that allows systems to enter a low power state and wake on desired
network traffic.


Similar Part No. - AX88179

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88179A ASIX-AX88179A Datasheet
548Kb / 22P
USB 3.2 Gen1 to Gigabit Ethernet Controller
25/06/2021
AX88179AQF ASIX-AX88179AQF Datasheet
548Kb / 22P
USB 3.2 Gen1 to Gigabit Ethernet Controller
25/06/2021
More results

Similar Description - AX88179

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88178L ASIX-AX88178L Datasheet
218Kb / 35P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
SMSC Corporation
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
logo
Realtek Semiconductor C...
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
INTEGRATED 10/100/1000M ETHERNET CONTROLLER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com