Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 17Page - Microchip Technology MCP2025 Datasheet HTML 18Page - Microchip Technology MCP2025 Datasheet HTML 19Page - Microchip Technology MCP2025 Datasheet HTML 20Page - Microchip Technology MCP2025 Datasheet HTML 21Page - Microchip Technology MCP2025 Datasheet HTML 22Page - Microchip Technology MCP2025 Datasheet HTML 23Page - Microchip Technology MCP2025 Datasheet HTML 24Page - Microchip Technology MCP2025 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2012 Microchip Technology Inc.
DS22306A-page 21
MCP2025
FIGURE 2-4:
CS/LWAKE, REGULATOR AND RESET TIMING DIAGRAM
FIGURE 2-5:
TYPICAL IBBQ VS.
TEMPERATURE - 5.0V
FIGURE 2-6:
IBBQ TRANS-OFF VS.
TEMPERATURE - 5.0V
FIGURE 2-7:
IBBQ POWER-DOWN VS.
TEMPERATURE - 5.0V
tCSPD
tCSR
CS/LWAKE
VREG
VREG-NOM
RESET
tRPU
tVEVR
tRPD
0
20
40
60
80
100
120
140
160
180
-45
-10
25
90
130
6V
12V
18V
Temperature(⁰C)
0
10
20
30
40
50
60
70
80
-45
-10
25
90
130
6V
12V
18V
Temperature(⁰C)
0
1
2
3
4
5
6
-45
-10
25
90
130
6V
12V
18V
Temperature(⁰C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com