Electronic Components Datasheet Search
  English  ▼

X  

PE4987 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4987
Description  2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4987 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4987 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4987 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4987 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2.92mm Male Connector Solder Attachment For
PE-SR402AL, PE-SR402FL, RG402
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
2.92mm Male
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.37 [9.4]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
2.92mm Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Stainless Steel, Gold
Coupling Nut Plating Specification
50µ in. minimum
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
50µ in. minimum
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 PE4987
PE4987
PE4987 REV


Similar Part No. - PE4987

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4980 PASTERNACK-PE4980 Datasheet
238Kb / 2P
SC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .655 inch D Hole
PE4981 PASTERNACK-PE4981 Datasheet
284Kb / 2P
TECHNICAL DATA SHEET
PE4982 PASTERNACK-PE4982 Datasheet
280Kb / 2P
3.5mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4983 PASTERNACK-PE4983 Datasheet
208Kb / 2P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4984 PASTERNACK-PE4984 Datasheet
262Kb / 3P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4987

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4006 PASTERNACK-PE4006 Datasheet
105Kb / 1P
N MALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44227 PASTERNACK-PE44227 Datasheet
213Kb / 2P
2.92mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com