Electronic Components Datasheet Search
  English  ▼

X  

PE9084 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9084
Description  BNC Female to BNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9084 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9084 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9084 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9084 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female to BNC Female Adapter
Configuration
Connector 1
BNC Female
Connector 2
BNC Female
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.472 [11.99]
.
Dielectric Type
Teflon
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
BNC Female to BNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female to BNC Female Adapter PE9084
PE9084
PE9084 REV


Similar Part No. - PE9084

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
More results

Similar Description - PE9084

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3283 POMONA-3283 Datasheet
25Kb / 1P
Adapter BNC Female To Female
4291 POMONA-4291 Datasheet
21Kb / 1P
Adapter, SMA Female To BNC Female
logo
Pasternack Enterprises,...
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
PE9093 PASTERNACK-PE9093 Datasheet
256Kb / 3P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
UHF Female to BNC Female Adapter
logo
List of Unclassifed Man...
BU-P3283 ETC2-BU-P3283 Datasheet
191Kb / 1P
ADAPTER BNC FEMALE TO FEMALE
logo
Amphenol Corporation
242161 AMPHENOL-242161 Datasheet
53Kb / 1P
BNC FEMALE TO F FEMALE ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com