Electronic Components Datasheet Search
  English  ▼

X  

PE44548 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44548
Description  7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C195, 0.195 inch, 1.161 inch DD Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44548 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44548 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44548 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C195, 0.195 inch, 1.161 inch DD
Hole
Configuration
Connector
7/16 DIN Female
Connector Interface Type
PE-C195,0.195 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.08 [52.83]
Width/Dia., in [mm]
1.38 [35.05]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C195, 0.195 inch, 1.161 inch DD Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C195, 0.195 inch, 1.161
inch DD Hole PE44548
URL: http://www.pasternack.com/7-16-female-standard-pe-c195-0.195-connector-pe44548-p.aspx
PE44548
PE44548 REV
7/16 DIN Female Bulkhead Connector Crimp/Solder
Attachment For PE-C195, 0.195 inch, 1.161 inch DD Hole


Similar Part No. - PE44548

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4454 PASTERNACK-PE4454 Datasheet
119Kb / 1P
TNC MALE RIGHT ANLGE CLAMP ATTACHMENT
PE44540 PASTERNACK-PE44540 Datasheet
288Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C195, 0.195 inch
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
More results

Similar Description - PE44548

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44524 PASTERNACK-PE44524 Datasheet
265Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
PE44536 PASTERNACK-PE44536 Datasheet
259Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
PE44540 PASTERNACK-PE44540 Datasheet
288Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C195, 0.195 inch
PE44546 PASTERNACK-PE44546 Datasheet
287Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44547 PASTERNACK-PE44547 Datasheet
283Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44545 PASTERNACK-PE44545 Datasheet
281Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44550 PASTERNACK-PE44550 Datasheet
291Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, 1.161 inch DD Hole
PE44528 PASTERNACK-PE44528 Datasheet
260Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C195, 0.195 inch, .640 inch DD Hole
PE44551 PASTERNACK-PE44551 Datasheet
276Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, 1.161 inch DD Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com