Electronic Components Datasheet Search
  English  ▼

X  

9546 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9546
Description  Double Coated Polyethylene Foam Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9546 Datasheet(HTML) 2 Page - 3M Electronics

  9546 Datasheet HTML 1Page - 3M Electronics 9546 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Date : August 2001
Double Coated Polyethylene
Foam Tape 9546
Application Techniques
1. Bond strength is
dependent upon the
amount of adhesive -to-
surface contact developed.
Firm application pressure
develops better adhesive
contact & thus improves
bond strength.
2. To obtain optimum
adhesion, the bonding
surfaces must be clean dry
and well unified. A typical
surface cleaning solvent is
isopropyl alcohol. Use
proper safety precautions
for handling solvents.
3. Ideal tape application
temperature range is 21°C
to 38°C (70°F to 100°F).
Initial tape application to
surfaces at temperatures
below 10°C (50°F) is not
recommended because the
adhesive becomes too firm
to adhere readily. However
once properly applied low
temperature holding is
generally satisfactory.
3M and Scotch-Mount are trademarks of the 3M Company.
Values presented have been determined by standard test methods and are average values not to be used for specification purposes.
Our recommendations on the use of our products are based on tests believed to be reliable but we would ask that you conduct your
own tests to determine their suitability for your applications.
This is because 3M cannot accept any responsibility or liability direct or consequential for loss or damage caused as a result of our
recommendations.
Tapes & Adhesives
©
3M United Kingdom PLC 1996
3M United Kingdom PLC
3M House,
28 Great Jackson Street,
Manchester,
M15 4PA
Product Information :
Tel 0870 60 800 50
Fax 0870 60 700 99
3M Ireland
3M House, Adelphi Centre,
Upper Georges Street,
Dun Laoghaire,Co. Dublin,
Ireland
Customer Service :
Tel
(01) 280 3555
Fax
(01) 280 3509



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com