Electronic Components Datasheet Search
  English  ▼

X  

4430 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4430
Description  Double Coated Foam Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4430 Datasheet(HTML) 2 Page - 3M Electronics

  4430 Datasheet HTML 1Page - 3M Electronics 4430 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Date : October 1993
4430 Double Coated Foam
Tape
Additional Product
Information
This product is suitable for
plasticised PVC BUT IS
NOT SUITABLE FOR LOW
SURFACE ENERGY
PLASTICS.
Application Techniques
1. Bond strength is
dependent upon the amount
of adhesive-to-surface
contact developed. Firm
application pressure
develops better adhesive
contact & thus improves
bond strength.
2. To obtain optimum
adhesion, the bonding
surfaces must be clean dry
and well unified. A typical
surface cleaning solvent is
isopropyl alcohol & water.
Use proper safety
precautions for handling
solvents.
3. Ideal tape application
temperature range is 21°C
to 38°C (70°F to 100°F).
Initial tape application to
surfaces at temperatures
below 10°C (50°F) is not
recommended because the
adhesive becomes too firm
to adhere readily. However
once properly applied low
temperature holding is
generally satisfactory.
Applications
Bonding cable trunking
within cabinets or on
furniture.
Point of sale bonding
applications using board,
paper and most plastics.
Signing applications - low
performance.
Furniture trim bonding.
Cable clips & air freshener,
bonding.
3M and Scotch-Mount are trademarks of the 3M company.
Values presented have been determined by standard test methods and are average values not to be used for specification purposes.
Our recommendations on the use of our products are based on tests believed to be reliable but we would ask that you conduct your own tests to
determine their suitability for your applications.
This is because 3M cannot accept any responsibility or liability direct or consequential for loss or damage caused as a result of our
recommendations.
Specialty Tapes & Adhesives
©
3M United Kingdom PLC 1996
3M United Kingdom PLC
3M House,
28 Great Jackson Street,
Manchester,
M15 4PA
Customer Service :
Tel 0161 236 8500
Fax 0161 237 1105
3M Ireland
3M House, Adelphi Centre,
Upper Georges Street,
Dun Laoghaire,Co. Dublin,
Ireland
Customer Service :
Tel
(01) 280 3555
Fax
(01) 280 3509



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com