Electronic Components Datasheet Search
  English  ▼

X  

PE308 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE308
Description  SMA Male to TNC Male Precision Cable Using 160 Series Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE308 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE308 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE308 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE308 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE308 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to TNC Male Precision Cable Using 160 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
TNC Male
Cable Type
160 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
1,200
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.06:1
Insertion Loss
0.21 dB/ft [ 0.69 dB/m ]
Frequency 2
Frequency, GHz
6
VSWR
1.08:1
Insertion Loss
0.3 dB/ft [ 0.98 dB/m ]
Frequency 3
Frequency, GHz
10
VSWR
1.24:1
Insertion Loss
0.4 dB/ft [ 1.31 dB/m ]
Frequency 4
Frequency, GHz
14
VSWR
1.34:1
Insertion Loss
0.5 dB/ft [ 1.64 dB/m ]
Frequency 5
Frequency, GHz
16
VSWR
1.34:1
Insertion Loss
0.54 dB/ft [ 1.77 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to TNC Male Precision Cable Using 160 Series Coax, RoHS PE308
PE308 REV
PE308
SMA Male to TNC Male Precision Cable
Using 160 Series Coax, RoHS


Similar Part No. - PE308

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE308-12 PASTERNACK-PE308-12 Datasheet
238Kb / 4P
SMA Male to TNC Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE308-120 PASTERNACK-PE308-120 Datasheet
335Kb / 4P
SMA Male to TNC Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE308-24 PASTERNACK-PE308-24 Datasheet
238Kb / 4P
SMA Male to TNC Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE308-36 PASTERNACK-PE308-36 Datasheet
237Kb / 4P
SMA Male to TNC Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE308-48 PASTERNACK-PE308-48 Datasheet
238Kb / 4P
SMA Male to TNC Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE308

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE308-12 PASTERNACK-PE308-12 Datasheet
238Kb / 4P
SMA Male to TNC Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE308-24 PASTERNACK-PE308-24 Datasheet
238Kb / 4P
SMA Male to TNC Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE308-36 PASTERNACK-PE308-36 Datasheet
237Kb / 4P
SMA Male to TNC Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE308-48 PASTERNACK-PE308-48 Datasheet
238Kb / 4P
SMA Male to TNC Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE308-60 PASTERNACK-PE308-60 Datasheet
238Kb / 4P
SMA Male to TNC Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE308-72 PASTERNACK-PE308-72 Datasheet
335Kb / 4P
SMA Male to TNC Male Precision Cable 72 Inch Length Using 160 Series Coax, RoHS
PE308-120 PASTERNACK-PE308-120 Datasheet
335Kb / 4P
SMA Male to TNC Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE300-24 PASTERNACK-PE300-24 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE304 PASTERNACK-PE304 Datasheet
239Kb / 4P
SMA Male to N Male Precision Cable Using 160 Series Coax RoHS
PE300 PASTERNACK-PE300 Datasheet
332Kb / 4P
SMA Male to SMA Male Precision Cable Using 160 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com