Electronic Components Datasheet Search
  English  ▼

X  

MOC205 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MOC205
Description  SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC205 Datasheet(HTML) 3 Page - Motorola, Inc

  MOC205 Datasheet HTML 1Page - Motorola, Inc MOC205 Datasheet HTML 2Page - Motorola, Inc MOC205 Datasheet HTML 3Page - Motorola, Inc MOC205 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MOC205 MOC206 MOC207 MOC208
3
Motorola Optoelectronics Device Data
TYPICAL CHARACTERISTICS
IF, LED INPUT CURRENT (mA)
50
20
10
5
2
1
0.5
0.1
1
10
Figure 1. LED Forward Voltage versus Forward Current
IF, LED FORWARD CURRENT (mA)
10
1
2
1000
100
1
1.2
1.4
1.6
1.8
Figure 2. Output Current versus Input Current
PULSE ONLY
PULSE OR DC
TA = – 55°C
25
°C
100
°C
NORMALIZED TO:
IF = 10 mA
0.01
100
10
1
0.1
0.01
20
TA, AMBIENT TEMPERATURE (°C)
100
80
0
20
40
103
60
TA, AMBIENT TEMPERATURE (°C)
120
100
80
60
40
20
0
–20
–40
–60
0.1
1
10
Figure 3. Output Current versus
Collector–Emitter Voltage
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
9
8
0
1
2
3
4
5
6
16
7
10–1
100
101
102
0
2
4
6
8
10
12
14
18
16
14
12
10
8
6
4
V, VOLTAGE (VOLTS)
2
Figure 4. Output Current versus
Ambient Temperature
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Capacitance versus Voltage
NORMALIZED TO:
TA = 25°C
IF = 10 mA
MOC206
MOC205
MOC207
NORMALIZED TO:
VCE = 10 V
TA = 25°C
VCE = 70 V
30 V
10 V
CLED
CCE
f = 1 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com