Electronic Components Datasheet Search
  English  ▼

X  

W2F Datasheet(PDF) 1 Page - AVX Corporation

Part # W2F
Description  Feedthru 0805/1206 Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2F Datasheet(HTML) 1 Page - AVX Corporation

  W2F Datasheet HTML 1Page - AVX Corporation W2F Datasheet HTML 2Page - AVX Corporation W2F Datasheet HTML 3Page - AVX Corporation W2F Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Feedthru 0805/1206 Capacitors
W2F/W3F Series
W
3
F
1
5
C
223
8
A
T
3
A
Style Size Feedthru Number Voltage* Dielectric Capacitance Capacitance Failure Terminations Packaging Code Quantity Code
2=0805
of
1=100v
A=NP0
Code
Tolerance
Rate
T=Plated
(Reel Size)
(Pcs./Reel)
3=1206
Elements 5=50v
C=X7R
8=+50/-20% A=Not
1=7" Reel
F=1,000
Applicable
Embossed Tape
A=2,000,
3=13" Reel
4,000 or
Embossed Tape
10,000
*Note: NP0 available in 100V only and X7R available in 50V only.
GENERAL DESCRIPTION
Available in both a standard 0805 and 1206 size, AVX’s line
of feedthru capacitors are ideal choices for EMI suppres-
sion, broadband I/O filtering, or Vcc power line condition-
ing. The unique construction of a feedthru capacitor pro-
vides low parallel inductance and offers excellent decou-
pling capability for all high di/dt environments and provides
significant noise reduction in digital circuits to <5 GHz. A
large range of capacitor values are available in either NP0
or X7R ceramic dielectrics.
PERFORMANCE CHARACTERISTICS
CAPACITOR VALUES
NP0
X7R
Capacitance Tolerance
+50%, -20%
+50%, -20%
Voltage Rating
100V
50V
Current Rating
300mA
300mA
Insulation Resistance
1000M
Ω
1000M
Ω
DC Resistance
<0.6
Ω
<0.6
Ω
Operating Temperature Range
-55 to +125°C
SIGNAL LINE - INPUT
OUTPUT
GROUND
W2F Series
0805
W3F Series
1206
Part Number
Size
Voltage
Dielectric
Capacitance
W2F11A 220 8ATxx
0805
100V
NP0
22pF
W2F11A 470 8ATxx
0805
100V
NP0
47pF
W2F11A 101 8ATxx
0805
100V
NP0
100pF
W2F11A 221 8ATxx
0805
100V
NP0
220pF
W2F11A 471 8ATxx
0805
100V
NP0
470pF
W2F15C 102 8ATxx
0805
50V
X7R
1000pF
W2F15C 222 8ATxx
0805
50V
X7R
2200pF
W2F15C 472 8ATxx
0805
50V
X7R
4700pF
W2F15C 103 8ATxx
0805
50V
X7R
10000pF
W2F15C 223 8ATxx
0805
50V
X7R
22000pF
W2F15C 473 8ATxx
0805
50V
X7R
47000pF
W3F11A 220 8ATxx
1206
100V
NP0
22pF
W3F11A 470 8ATxx
1206
100V
NP0
47pF
W3F11A 101 8ATxx
1206
100V
NP0
100pF
W3F11A 221 8ATxx
1206
100V
NP0
220pF
W3F11A 471 8ATxx
1206
100V
NP0
470pF
W3F15C 102 8ATxx
1206
50V
X7R
1000pF
W3F15C 222 8ATxx
1206
50V
X7R
2200pF
W3F15C 472 8ATxx
1206
50V
X7R
4700pF
W3F15C 103 8ATxx
1206
50V
X7R
10000pF
W3F15C 223 8ATxx
1206
50V
X7R
22000pF
W3F15C 473 8ATxx
1206
50V
X7R
47000pF
HOW TO ORDER


Similar Part No. - W2F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F11A1018AT AVX-W2F11A1018AT Datasheet
264Kb / 4P
Feedthru 0805/1206 Capacitors
W2F11A1018AT AVX-W2F11A1018AT Datasheet
264Kb / 4P
Feedthru 0805/1206 Capacitors
W2F11A1018AT AVX-W2F11A1018AT Datasheet
72Kb / 4P
Feedthru 0805/1206 Capacitors
W2F11A22084T AVX-W2F11A22084T Datasheet
288Kb / 4P
Automotive Feedthru Capacitors
W2F11A2208AT AVX-W2F11A2208AT Datasheet
81Kb / 4P
Feedthru 0805/1206 Capacitors
More results

Similar Description - W2F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
500F15W102KV4T ETC2-500F15W102KV4T Datasheet
94Kb / 2P
Multilayer Ceramic Feedthru Chip Capacitors
logo
AVX Corporation
W3F11A2218AT1F AVX-W3F11A2218AT1F Datasheet
81Kb / 4P
Feedthru 0805/1206 Capacitors
W3F11A2218AT3A AVX-W3F11A2218AT3A Datasheet
81Kb / 4P
Feedthru 0805/1206 Capacitors
W2F15C4738AT1A AVX-W2F15C4738AT1A Datasheet
264Kb / 4P
Feedthru 0805/1206 Capacitors
W2F15C4738AT1F AVX-W2F15C4738AT1F Datasheet
264Kb / 4P
Feedthru 0805/1206 Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
h Current Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
High Current Feedthru Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
High Current Feedthru Capacitors
W3F15C2238 AVX-W3F15C2238 Datasheet
72Kb / 4P
Feedthru 0805/1206 Capacitors
W2F11A22084T AVX-W2F11A22084T Datasheet
288Kb / 4P
Automotive Feedthru Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com