Electronic Components Datasheet Search
  English  ▼

X  

PE33233 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE33233
Description  SMA Male to N Male Precision Cable Using 165 Series Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33233 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE33233 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33233 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33233 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to N Male Precision Cable Using 165 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
N Male
Cable Type
165 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
165 Series
Temperature
Temperature Operating Range, deg C
-48 to +204
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Beryllium Copper, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.165 [4.19]
Connector 1
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male Precision Cable Using 165 Series Coax, RoHS PE33233
PE33233 REV
PE33233
SMA Male to N Male Precision Cable
Using 165 Series Coax, RoHS


Similar Part No. - PE33233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33233-12 PASTERNACK-PE33233-12 Datasheet
303Kb / 1P
18 GHz FLEXIBLE CABLE ASSEMBLY , N MALE TO SMA MALE,NON-MAGNETIC
PE33233-18 PASTERNACK-PE33233-18 Datasheet
303Kb / 1P
18 GHZ FLEXIBLE CABLE ASSEMBLY, N MALE TO SMA MALE, NON-MAGNETIC
PE33233-24 PASTERNACK-PE33233-24 Datasheet
303Kb / 1P
18 GHZ FLEXIBLE CABLE ASSEMBLY, N MALE TO SM MALE, NON-MAGNETIC
PE33233-30 PASTERNACK-PE33233-30 Datasheet
303Kb / 1P
18 GHZ FLEXIBLE CABLE ASSEMBLY, N MLE TO SMA MALE, NON-MAGNETIC
PE33233-36 PASTERNACK-PE33233-36 Datasheet
303Kb / 1P
18 GHZ FLEXIBLE CABLE ASSEMBLY, N MALE TO SMA MALE NON-MAGNETIC
More results

Similar Description - PE33233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3790-6 PASTERNACK-PE3790-6 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable 6 Inch Length Using 165 Series Coax, RoHS
PE3790-12 PASTERNACK-PE3790-12 Datasheet
237Kb / 3P
SMA Male to SMA Male Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
PE3790-18 PASTERNACK-PE3790-18 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable 18 Inch Length Using 165 Series Coax, RoHS
PE3790-24 PASTERNACK-PE3790-24 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable 24 Inch Length Using 165 Series Coax, RoHS
PE3790-30 PASTERNACK-PE3790-30 Datasheet
237Kb / 3P
SMA Male to SMA Male Precision Cable 30 Inch Length Using 165 Series Coax, RoHS
PE3790-36 PASTERNACK-PE3790-36 Datasheet
237Kb / 3P
SMA Male to SMA Male Precision Cable 36 Inch Length Using 165 Series Coax, RoHS
PE3790-48 PASTERNACK-PE3790-48 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable 48 Inch Length Using 165 Series Coax, RoHS
PE3790-72 PASTERNACK-PE3790-72 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable 72 Inch Length Using 165 Series Coax, RoHS
PE3790 PASTERNACK-PE3790 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable Using 165 Series Coax, RoHS
PE33179 PASTERNACK-PE33179 Datasheet
104Kb / 1P
SMA Male to N Male Precision Cable Using 165 Series Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com