Electronic Components Datasheet Search
  English  ▼

X  

REE70 Datasheet(PDF) 4 Page - ebm-papst

Part # REE70
Description  AC plate-mounted axials
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

REE70 Datasheet(HTML) 4 Page - ebm-papst

  REE70 Datasheet HTML 1Page - ebm-papst REE70 Datasheet HTML 2Page - ebm-papst REE70 Datasheet HTML 3Page - ebm-papst REE70 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
Nominal data
Type
VAC
Hz
A
o
C
REE10
230
50
1
40
REE30
230
50
3
40
REE50
230
50
5
40
REE70
230
50
7
40
Subject to alterations
Speed controllers - REE
General remarks: These manual, single-phase electronic control devices
provide a simple solution to speed controlling single or multiple fans, it has a
manual dial, which can alter the fan speed from a minimum setting ( factory
set to approx 20%) to 100%.
Rear mounting diagram
Features:
230V 50Hz single phase AC input
Current rating options - 1, 3, 5 & 7 Amps
On/Off switch
Internal pre-set for minimum speed
Two wire control - for simple connection
Three wire control - lower motor running temperature (increased fan life) and
improved speed adjustment response.
-
-
-
-
-
-
-
60mm
4mm
101mm
90mm
5mm
24mm
6mm
REE10
5mm
REE30
REE50
REE70
7mm
Side
mounted
switch
Connection diagram
Line voltage 230V 50/60 Hz
Electromagnetic compatibility
These controllers comply with the relevant EC council Di-
rectives, EMC Directive 89/336/EEC and amendment 92/31/
EEC. Applied Harmonised standards BS EN61000-6-3 and
BS EN 61000-6-4.
REE
2 wire control
Fan motor 1 phase
UZ
U
Z
N
L
N
L
E
PE
Z
U2
U1
REE
3 wire control
Fan motor 1 phase
UZ
U
Z
N
L
N
L
E
PE
Z
U2
U1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com