Electronic Components Datasheet Search
  English  ▼

X  

EG80C196MH Datasheet(PDF) 37 Page - Intel Corporation

Part # EG80C196MH
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EG80C196MH Datasheet(HTML) 37 Page - Intel Corporation

Back Button EG80C196MH Datasheet HTML 33Page - Intel Corporation EG80C196MH Datasheet HTML 34Page - Intel Corporation EG80C196MH Datasheet HTML 35Page - Intel Corporation EG80C196MH Datasheet HTML 36Page - Intel Corporation EG80C196MH Datasheet HTML 37Page - Intel Corporation EG80C196MH Datasheet HTML 38Page - Intel Corporation EG80C196MH Datasheet HTML 39Page - Intel Corporation EG80C196MH Datasheet HTML 40Page - Intel Corporation EG80C196MH Datasheet HTML 41Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
37
Table 19. 8-bit Mode A/D Characteristics Over Specified Operating Conditions (1)
Parameter
Typical (3)
Min
Max
Units (2)
Notes
Resolution
256
8
256
8
Levels
Bits
Absolute Error
0
± 1LSBs
Full-scale Error
±
0.5
LSBs
Zero Offset Error
± 0.5
LSBs
Nonlinearity
0
± 1LSBs
Differential Nonlinearity
– 0.5
+ 0.5
LSBs
Channel-to-channel Matching
0
± 1
LSBs
Repeatability
± 0.25
0
LSBs
Temperature Coefficients:
Offset
Full-scale
Differential Nonlinearity
0.003
0.003
0.003
LSB/
°C
LSB/
°C
LSB/
°C
Off Isolation
– 60
dB
4, 5
Feedthrough
– 60
dB
4
V
CC Power Supply Rejection
– 60
dB
4
Input Series Resistance
750
1.2K
Ω
6
Voltage on Analog Input Pin
ANGND – 0.5
V
REF + 0.5
V
7, 8
Sampling Capacitor
3
pF
DC Input Leakage
± 10
± 3
µA
NOTES:
1.
Testing is performed with V
REF = 5.12 V and FOSC = 16 MHz.
2.
An
LSB, as used here, has a value of approximately 20 mV.
3.
Typical values are based on a limited number of samples and are not guaranteed. Operating conditions
for typical values are room temperature and V
REF = VCC = 5.5 V.
4.
DC to 100 KHz.
5.
Multiplexer break-before-make guaranteed.
6.
Resistance from device pin, through internal multiplexer, to sample capacitor.
7.
These values may be exceeded if the pin current is limited to ± 2mA.
8.
Applying voltage beyond these specifications will degrade the accuracy of other channels being con-
verted.
9.
All conversions were performed with processor in idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com