Electronic Components Datasheet Search
  English  ▼

X  

32.512 Datasheet(PDF) 1 Page - Altech corporation

Part # 32.512
Description  Metric Pin Spacinga Pin Headers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

32.512 Datasheet(HTML) 1 Page - Altech corporation

  32.512 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
145
Right Angle Pin Header,
2
mm Pin Spacing
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
IEC/VDE
Ratings
(File No. E101811)
(File No. LR68503)
Current
Voltage
10A
250V
10A
300V
10A
300V
No. of
Ordering Information
Poles
Straight Pin Header,
2
mm Pin Spacing
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
PLUGGABLE
PRINTED CIRCUIT
Metric Pin Spacinga
Pin Headers
STL130, STL132 (Straight) and STL140
(Right Angle) Pin Headers are used with
the highly cost effective Tubular Screw
Clamp Plugs, Types AK130 and AK132.
in lighter duty applications where
infrequent wire to board connections
must be made. Type STL132 features a
reduced pin diameter of 1.0mm (.0394")
on the soldering side.
Open pin headers are supplied in strips
up to 16 poles or in standard 24 pole
lengths. The Pin Header strip features
breakaway construction that eliminates
cutting or sawing.
• Straight and Right Angle
• Strip Material: Polyamide 6.6
• Standard Color: Gray
c
c
c
c
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
STL132/2
32.502
10.00 ( .39)
100
STL132/3
32.503
15.00 ( .59)
100
STL132/4
32.504
20.00 ( .79)
50
STL132/5
32.505
25.00 ( .98)
50
STL132/6
32.506
30.00 (1.18)
50
STL132/7
32.507
35.00 (1.38)
30
STL132/8
32.508
40.00 (1.58)
30
STL132/9
32.509
45.00 (1.77)
30
STL132/10
32.510
50.00 (1.97)
30
STL132/11
32.511
55.00 (2.17)
20
STL132/12
32.512
60.00 (2.36)
20
STL132/13
32.513
65.00 (2.56)
20
STL132/14
32.514
70.00 (2.76)
20
STL132/15
32.515
75.00 (2.95)
20
STL132/16
32.516
80.00 (3.15)
20
STL132/24
32.524
120.00 (4.72)
20
Current
Voltage
10A
250V
10Ac
300Vc
10Ac
300Vc
STL140/2
30.472
10.00 ( .39)
100
STL140/3
30.473
15.00 ( .59)
100
STL140/4
30.474
20.00 ( .79)
50
STL140/5
30.475
25.00 ( .98)
50
STL140/6
30.476
30.00 (1.18)
50
STL140/7
30.477
35.00 (1.38)
50
STL140/8
30.478
40.00 (1.58)
30
STL140/9
30.479
45.00 (1.77)
30
STL140/10
30.480
50.00 (1.97)
30
STL140/11
30.481
55.00 (2.17)
20
STL140/12
30.482
60.00 (2.36)
20
STL140/13
30.483
65.00 (2.56)
20
STL140/14
30.484
70.00 (2.76)
20
STL140/15
30.485
75.00 (2.95)
20
STL140/16
30.486
80.00 (3.15)
20
STL140/24
30.494
120.00 (4.72)
20
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
STL130/2
30.352
10.00 ( .39)
100
STL130/3
30.353
15.00 ( .59)
100
STL130/4
30.354
20.00 ( .79)
50
STL130/5
30.355
25.00 ( .98)
50
STL130/6
30.356
30.00 (1.18)
50
STL130/7
30.357
35.00 (1.38)
30
STL130/8
30.358
40.00 (1.58)
30
STL130/9
30.359
45.00 (1.77)
30
STL130/10
30.360
50.00 (1.97)
30
STL130/11
30.361
55.00 (2.17)
20
STL130/12
30.362
60.00 (2.36)
20
STL130/13
30.363
65.00 (2.56)
20
STL130/14
30.364
70.00 (2.76)
20
STL130/15
30.365
75.00 (2.95)
20
STL130/16
30.366
80.00 (3.15)
20
STL130/24
30.374
120.00 (4.72)
20
Smaller pin diameter for 1.0mm (.0394")
through-holes
Pin Spacing 5mm (.197)
Use with AK130, AK132 Plugs
Pin Spacing 5mm (.197)
Use with AK
130 and AK132 Plugs
STL140
Right Angle Pin Headerb
STL130
Straight Pin Header
STL132
Straight Pin Header
aBlocks with US (Inch) pin spacing
begin on page 110.
®
®
L
®
®
5mm
®
®
Ø1mm
®
®
Ø1.3mm
bTo insure proper pin positioning, install header into AK130 or
AK132 Plug before soldering into board
c Pending, STL140, STL132
®
®
Ø1.3mm
L
®
®
STL(Z)130
®
®
L
®
®
Ø1.3mm
STL(Z)140
®
®
2.8mm
®
®
®
®
2mm
®
®
5.5mm
11.8mm
Dimensions
mm
in.
mm
in.
1.00
0.039
5.50
0.217
1.30
0.051
6.00
0.236
2.00
0.079
11.80
0.465
2.80
0.110
12.50
0.492
3.50
0.138
15.00
0.591
5.00
0.197
PREVIOUS
HOME
NEXT
FIND IT


Similar Part No. - 32.512

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
32.0702 SCHURTER-32.0702 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
32.0702-ND SCHURTER-32.0702-ND Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
32.0704 SCHURTER-32.0704 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
32.0704-ND SCHURTER-32.0704-ND Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
32.0706 SCHURTER-32.0706 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
More results

Similar Description - 32.512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPH1A100 ETC1-HPH1A100 Datasheet
165Kb / 3P
050 PIN HEADERS
logo
Adam Technologies, Inc.
PH1-15-UA-SMT-B ADAM-TECH-PH1-15-UA-SMT-B Datasheet
130Kb / 1P
.100 PIN HEADERS
PH140UA ADAM-TECH-PH140UA Datasheet
231Kb / 1P
.100 PIN HEADERS
logo
Dubilier
DBCMJC33AG1 DUBILIER-DBCMJC33AG1 Datasheet
98Kb / 1P
PIN HEADERS
logo
Altech corporation
30.306 ALTECH-30.306 Datasheet
46Kb / 1P
Metric Pin Spacinga Tubular Screw Clamp Plug
30.503 ALTECH-30.503 Datasheet
494Kb / 19P
Metric Pin Spacinga Tubular Screw Clamp
30.606 ALTECH-30.606 Datasheet
37Kb / 1P
Metric Pin Spacinga Screw-Cage Clamp
33.053 ALTECH-33.053 Datasheet
543Kb / 20P
US Pin Spacinga Tubular Screw Clamp
36.464 ALTECH-36.464 Datasheet
36Kb / 1P
US Pin Spacinga Screw-Cage Clamp Plug and Headers
logo
EDAC, All Rights Reserv...
151-SERIES EDAC-151-SERIES Datasheet
189Kb / 1P
151 Series Pin Headers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com