Electronic Components Datasheet Search
  English  ▼

X  

TOP222Y Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP222Y
Description  Three-terminal Off-line PWM Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP222Y Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP222Y Datasheet HTML 10Page - Power Integrations, Inc. TOP222Y Datasheet HTML 11Page - Power Integrations, Inc. TOP222Y Datasheet HTML 12Page - Power Integrations, Inc. TOP222Y Datasheet HTML 13Page - Power Integrations, Inc. TOP222Y Datasheet HTML 14Page - Power Integrations, Inc. TOP222Y Datasheet HTML 15Page - Power Integrations, Inc. TOP222Y Datasheet HTML 16Page - Power Integrations, Inc. TOP222Y Datasheet HTML 17Page - Power Integrations, Inc. TOP222Y Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TOP221-227
D
7/01
14
Figure 11. TOPSwitch CONTROL Pin I-V Characteristic.
Figure 10. TOPSwitch Duty Cycle Measurement.
Figure 12. Self-protection Current Limit Envelope.
PI-2031-040401
∆I
D
100 ns
t
LEB
DRAIN
CURRENT
0 A
Figure 13. Example of
∆I
D on Drain Current Waveform with
Saturated Transformer.
0.8
1.3
1.2
1.1
0.9
0.8
1.0
0
01
2
6
8
3
Time (
µs)
45
7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
ILIMIT(MAX) @ 25 °C
ILIMIT(MIN) @ 25 °C
IINIT(MIN) @ 85 VAC
IINIT(MIN) @ 265 VAC
tLEB (Blanking Time)
PI-2039-040401
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
D =
t1
t2
120
100
80
40
20
60
0
02
4
6
8
10
CONTROL Pin Voltage (V)
1
Slope
Dynamic
Impedance
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com