Electronic Components Datasheet Search
  English  ▼

X  

C3353 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3353
Description  3P 22 7/30 TC FLEX OAS PVDF TYPE CL2P
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3353 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3353 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3353
Date:
7/7/2007
Revision Level:
0
3P 22 7/30 TC FLEX OAS PVDF
TYPE CL2P
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Pairing
#22 AWG 7/30 Tinned Copper
0.007" Wall FLEXGUARD*
0.010"Wall PVDF – Natural
0.030” nom.
CAROL (R) 22 AWG -- C3353 -- 60C E60233-8 CL2P -- MADE IN USA
DATE CODE
(PRINT EVERY 2 FT)
3 pairs @ 3.00” LHL, aluminum/polypro (foil in)
0.174" nom.
-Plenum ripcord under jacket.
0.044" nom.
0.194" +/- 0.010"
6 conductors into 3 pairs @ 1.50” LHL.
& # 24 7/32 TC drain wire.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
75C
150 Vrms (CL2P)
16.6 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 725
UL Standard 13
Type CL2P
1
2
3
Black & Yellow
Red & Purple
Dark Blue & Brown
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3353

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C335 KEMET-C335 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Coilcraft lnc.
C335 COILCRAFT-C335 Datasheet
100Kb / 1P
Designer’s Kits
logo
Hamamatsu Corporation
C3350 HAMAMATSU-C3350 Datasheet
34Kb / 2P
짹3kV REGULATED HIGH VOLTAGE POWER SUPPLY
logo
General Cable Technolog...
C3352 GENERAL-C3352 Datasheet
74Kb / 1P
2P 22 7/30 TC FLEX OAS PVDF TYPE CL2P
logo
NEC
C3355 NEC-C3355 Datasheet
102Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - C3353

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3154 GENERAL-C3154 Datasheet
73Kb / 1P
2C 22 7/30 TC OAS FLEX PVDF TYPE CL2P
C3155 GENERAL-C3155 Datasheet
74Kb / 1P
4C 22 7/30 TC OAS FLEX PVDF TYPE CL2P
C3206 GENERAL-C3206 Datasheet
73Kb / 1P
3P 22 7/30 TC FEP OAS FLEX PVDF TYPE CMP
C3310 GENERAL-C3310 Datasheet
73Kb / 1P
3C 22 7/30 TC OAS FLEX PVDF TYPE CL2P
C3311 GENERAL-C3311 Datasheet
74Kb / 1P
6C 22 7/30 TC OAS FLEX PVDF TYPE CL2P
C3320 GENERAL-C3320 Datasheet
73Kb / 1P
2C 20 7/28 TC OAS FLEX PVDF TYPE CL2P
C3321 GENERAL-C3321 Datasheet
73Kb / 1P
3C 20 7/28 TC OAS FLEX PVDF TYPE CL2P
C3322 GENERAL-C3322 Datasheet
74Kb / 1P
4C 20 7/28 TC OAS FLEX PVDF TYPE CL2P
C3352 GENERAL-C3352 Datasheet
74Kb / 1P
2P 22 7/30 TC FLEX OAS PVDF TYPE CL2P
C3356 GENERAL-C3356 Datasheet
74Kb / 1P
6P 22 7/30 TC FLEX OAS PVDF TYPE CL2P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com