Electronic Components Datasheet Search
  English  ▼

X  

C3364 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3364
Description  4P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3364 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3364 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3364
Date:
7/7/2007
Revision Level:
0
4P 18 7/26 BC FLEX OAS PVDF
TYPE CL2P / CMP
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Pairing
#18 AWG 7/36 Bare Copper
0.008" Wall FLEXGUARD*
0.010"Wall PVDF – Natural
0.047” nom.
CAROL (R) 18 AWG -- C3364 -- 60C E60233-8 CL2P OR CMP(UL)C(UL) -- MADE IN USA
DATE CODE
(PRINT EVERY 2 FT)
4 pairs @ 4.00” LHL, aluminum/polypro (foil in)
0.357" nom.
-Plenum ripcord under jacket.
0.063" nom.
0.277" +/- 0.014"
8 conductors into 4 pairs @ 2.50” LHL.
& # 22 7/30 TC drain wire.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
75C
150 Vrms (CL2P); 300 Vrms (CMP)
5.6 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 725
UL Standard 13
Type CL2P
National Electrical Code
Article 800
UL Standard 444
Type CMP
1
2
3
4
Black & Yellow
Red & Purple
Dark Blue & Brown
Orange & Dark Green
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3364

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C336 KEMET-C336 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Coilcraft lnc.
C336 COILCRAFT-C336 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C336 COILCRAFT-C336 Datasheet
100Kb / 1P
Designer’s Kits
logo
Hamamatsu Corporation
C3360 HAMAMATSU-C3360 Datasheet
35Kb / 2P
-5kV REGULATED HIGH VOLTAGE POWER SUPPLY
logo
General Cable Technolog...
C3362 GENERAL-C3362 Datasheet
74Kb / 1P
2P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
More results

Similar Description - C3364

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3162 GENERAL-C3162 Datasheet
73Kb / 1P
2C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3163 GENERAL-C3163 Datasheet
74Kb / 1P
4C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3164 GENERAL-C3164 Datasheet
73Kb / 1P
3C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3166 GENERAL-C3166 Datasheet
74Kb / 1P
6C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3180 GENERAL-C3180 Datasheet
74Kb / 1P
8C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3181 GENERAL-C3181 Datasheet
74Kb / 1P
10C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3182 GENERAL-C3182 Datasheet
74Kb / 1P
12C 18 7/26 BC OAS FLEX PVDF TYPE CL2P / CMP
C3190 GENERAL-C3190 Datasheet
73Kb / 1P
3C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3191 GENERAL-C3191 Datasheet
74Kb / 1P
8C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3362 GENERAL-C3362 Datasheet
74Kb / 1P
2P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com