Electronic Components Datasheet Search
  English  ▼

X  

WF200 Datasheet(PDF) 2 Page - XP Power Limited

Part # WF200
Description  DC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WF200 Datasheet(HTML) 2 Page - XP Power Limited

  WF200 Datasheet HTML 1Page - XP Power Limited WF200 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-Apr-08
-20
-10
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
WF Series
Mechanical Details
Models and Ratings
Input
Voltage
Output
Voltage
Output
Current
Efficiency
Model
Number(1)
No Load
Full Load
9-18 VDC
3.3 VDC
5.00 A
30 mA
1.86 A
74%
WF100
5.0 VDC
5.00 A
30 mA
2.67 A
78%
WF101
12.0 VDC
2.50 A
30 mA
3.05 A
82%
WF102
15.0 VDC
2.00 A
30 mA
3.05 A
82%
WF103
±5.0 VDC
±2.50 A
35 mA
2.67 A
78%
WF104
±12.0 VDC
±1.25 A
35 mA
3.05 A
82%
WF105
±15.0 VDC
±1.00 A
35 mA
3.05 A
82%
WF106
5.0/±12.0 VDC
3.50/±0.31 A
35 mA
2.64 A
79%
WF107
5.0/±15.0 VDC
3.50/±0.25 A
35 mA
2.64 A
79%
WF108
18-36 VDC
3.3 VDC
5.00 A
30 mA
0.92 A
75%
WF200
5.0 VDC
5.00 A
30 mA
1.34 A
79%
WF201
12.0 VDC
2.50 A
30 mA
1.52 A
82%
WF202
15.0 VDC
2.00 A
30 mA
1.52 A
82%
WF203
±5.0 VDC
±2.50 A
30 mA
1.34 A
79%
WF204
±12.0 VDC
±1.25 A
30 mA
1.47 A
85%
WF205
±15.0 VDC
±1.00 A
30 mA
1.47 A
85%
WF206
5.0/±12.0 VDC
3.50/±0.31 A
30 mA
1.32 A
80%
WF207
5.0/±15.0 VDC
3.50/±0.25 A
30 mA
1.32 A
80%
WF208
36-72 VDC
3.3 VDC
5.00 A
20 mA
0.46 A
75%
WF300
5.0 VDC
5.00 A
20 mA
0.66 A
79%
WF301
12.0 VDC
2.50 A
20 mA
0.76 A
82%
WF302
15.0 VDC
2.00 A
20 mA
0.76 A
82%
WF303
±5.0 VDC
±2.50 A
25 mA
0.66 A
79%
WF304
±12.0 VDC
±1.25 A
25 mA
0.73 A
85%
WF305
±15.0 VDC
±1.00 A
25 mA
0.73 A
85%
WF306
5.0/±12.0 VDC
3.50/±0.31 A
25 mA
0.65 A
80%
WF307
5.0/±15.0 VDC
3.50/±0.25 A
25 mA
0.65 A
80%
WF308
Notes
1. For optional UL60950-1 approved product, add suffix ‘ U’ to model number.
External Output Trimming
Notes
1. Maximum total power from all outputs is limited to 25 W but no output should be allowed to
exceed its maximum current.
2. Minimum current on each output is required to maintain specified regulation.
8
7
6
5
4
3
2
1
0.04 (1.02)
DIA
2.00 (50.8)
0.90
(22.9)
0.20
(5.1)
0.40
(10.2)
1.80
(45.7)
2.00
(50.8)
0.40
(10.16)
0.22
(5.6)
min
0.40
(10.16)
0.40
(10.16)
0.40
(10.16)
BOTTOM VIEW
TRIPLE OUTPUT LOADING TABLE(1)
Output
Pin No.
Voltage
Current
Minimum(2)
Maximum
7
+5
0.50 A
3.50 A
8 & 5
+12 or -12
0.10 A
0.31 A
8 & 5
+15 or -15
0.10 A
0.25 A
PIN CONNECTIONS
Pin
Single Output
Dual Output
Triple Output
1
Remote On/Off
Remote On/Off
Remote On/Off
2
No pin
No pin
No pin
3
-V input
-V input
-V input
4
+V input
+V input
+V input
5
Output trim
Output trim
-Output
6
-Output
-Output
Common
7
+Output
Common
+5V Output
8
No pin
+Output
+Output
All dimensions are in inches (mm)
Weight:
0.15 lbs (66 g) approx.
Case Material:
Black coated copper with non-conductive base.
TRIM
DOWN
TRIM
UP/DOWN
10K
TRIM UP
PIN 6
PIN 7
PIN 5
Output may optionally be externally
trimmed (±10%) with a fixed
resistor 10K or external trimpot
as shown
Application Notes
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com