Electronic Components Datasheet Search
  English  ▼

X  

MOC263 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC263
Description  SMALL OUTLINE OPTOISOLATORS DARLINGTON OUTPUT NO BASE CONNECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC263 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC263 Datasheet HTML 1Page - Motorola, Inc MOC263 Datasheet HTML 2Page - Motorola, Inc MOC263 Datasheet HTML 3Page - Motorola, Inc MOC263 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MOC263
2
Motorola Optoelectronics Device Data
MAXIMUM RATINGS — continued (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
TOTAL DEVICE
Input–Output Isolation Voltage(1,2)
(60 Hz, 1.0 sec. duration)
VISO
3000
Vac(rms)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(3)
TA
–55 to +100
°C
Storage Temperature Range(3)
Tstg
–55 to +150
°C
Lead Soldering Temperature
(1/16
″ from case, 10 sec. duration)
—
260
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(4)
Characteristic
Symbol
Min
Typ(4)
Max
Unit
INPUT LED
Forward Voltage (IF = 1.0 mA)
VF
—
1.05
1.3
V
Reverse Leakage Current (VR = 6.0 V)
IR
—
0.1
100
mA
Capacitance
C
—
18
—
pF
OUTPUT DARLINGTON
Collector–Emitter Dark Current
(VCE = 5.0 V, TA = 25°C)
ICEO1
—
1.0
50
nA
(VCE = 5.0 V, TA = 100°C)
ICEO2
—
1.0
—
µA
Collector–Emitter Breakdown Voltage (IC = 100 µA)
V(BR)CEO
30
90
—
V
Emitter–Collector Breakdown Voltage (IE = 100 µA)
V(BR)ECO
7.0
7.8
—
V
Collector–Emitter Capacitance (f = 1.0 MHz, VCE = 0)
CCE
—
5.5
—
pF
COUPLED
Output Collector Current
(IF = 1.0 mA, VCE = 5.0 V)
5.0 (500)
10 (1000)
—
mA (%)
Collector–Emitter Saturation Voltage (IC = 500 µA, IF = 1.0 mA)
VCE(sat)
—
—
1.0
V
Turn–On Time (IF = 5.0 mA, VCC = 10 V, RL = 100 Ω)
ton
—
3.5
—
µs
Turn–Off Time (IF = 5.0 mA, VCC = 10 V, RL = 100 Ω)
toff
—
95
—
µs
Rise Time (IF = 5.0 mA, VCC = 10 V, RL = 100 Ω)
tr
—
1.0
—
µs
Fall Time (IF = 5.0 mA, VCC = 10 V, RL = 100 Ω)
tf
—
2.0
—
µs
Input–Output Isolation Voltage (f = 60 Hz, t = 1.0 sec.)(1,2)
VISO
3000
—
—
Vac(rms)
Isolation Resistance (VI–O = 500 V)(2)
RISO
1011
—
—
Ω
Isolation Capacitance (VI–O = 0, f = 1.0 MHz)(2)
CISO
—
0.2
—
pF
1. Input–Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating.
2. For this test, pins 1 and 2 are common, and pins 5, 6 and 7 are common.
3. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
4. Always design to the specified minimum/maximum electrical limits (where applicable).
5. Current Transfer Ratio (CTR) = IC/IF x 100%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com