Electronic Components Datasheet Search
  English  ▼

X  

C4084A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C4084A
Description  7C 22 7/30 TC SR-PVC & 2C 18 16/30 TC PVC PVC COMMUNICATION CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C4084A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C4084A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C4084A
Revision Level:
00
Date:
July 29, 2005
7C 22 7/30 TC SR-PVC & 2C 18 16/30 TC PVC PVC
COMMUNICATION CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR-A:
#22 AWG 7/30 Tinned Copper
0.030” nom.
2)
INSULATION-A:
0.010” Wall Semi-Rigid Polyvinyl Chloride
0.050” nom.
3)
COLOR CODE-A:
1.
Red
2.
Lt. Green
3.
Lt. Brown
4.
Lt. Blue
5.
Orange
6.
Yellow
7.
Violet
4)
CONDUCTOR-B:
#18 AWG 16/30 Tinned Copper
0.048” nom.
5)
INSULATION-B:
0.016” Wall Polyvinyl Chloride
0.080” nom.
6)
COLOR CODE-B:
1.
Black
2.
White
7)
CABLE:
9 conductors @ 3.00” LHL with mylar wrap.
0.207” nom.
8)
JACKET:
0.032” Wall Polyvinyl Chloride – Gray
0.271” +/- 0.014”
9)
PRINT LEGEND:
CAROL (R) 7C 22 AWG & 2C 18 AWG - - C4084A - - 75C E111240-8 CM (UL) C
(UL) OR AWM STYLE 2464 - - - CSA LL69381 CMG - - MADE IN USA (DATE
CODE)
B.
INDUSTRY APPROVALS
National Electrical Code
Article 800
UL Standard 444
Type CM
UL Standard 758
AWM Style 2464
CSA International
Type CMG
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
75 C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300Vrms
3)
CONDUCTOR D.C. RESISTANCE-A (22 AWG):
16.6 Ohms/1000 ft. nom. @ 20 C
4)
MUTUAL CAPACITANCE-A:
25 pF/ft. @ 1kHz nom.
5)
CHARACTERISTIC IMPEDANCE-A:
78 Ohms @ 1 MHz nom.
6)
CONDUCTOR D.C. RESISTANCE-B (18 AWG):
7.2 Ohms/1000 ft. nom. @ 20 C
7)
MUTUAL CAPACITANCE-B:
28 pF/ft. @ 1kHz nom.
8)
CHARACTERISTIC IMPEDANCE-B:
74 Ohms @ 1 MHz nom.
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C4084A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C408 COILCRAFT-C408 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C408 COILCRAFT-C408 Datasheet
100Kb / 1P
Designer’s Kits
logo
General Cable Technolog...
C4080 GENERAL-C4080 Datasheet
73Kb / 1P
6C 22 7/30 2C 18 16/30 PVC PVC Sound, Alarm & Security Cable
C4081A GENERAL-C4081A Datasheet
81Kb / 1P
4C 22 7/30 TC SR-PVC & 2C 18 16/30 TC PVC PVC COMMUNICATION CABLE
C4082A GENERAL-C4082A Datasheet
81Kb / 1P
5C 22 7/30 TC SR-PVC & 2C 18 16/30 TC PVC PVC COMMUNICATION CABLE
More results

Similar Description - C4084A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4071A GENERAL-C4071A Datasheet
74Kb / 1P
10C 22 7/30 TC SR-PVC PVC COMMUNICATION CABLE
C4078A GENERAL-C4078A Datasheet
75Kb / 1P
40C 22 7/30 TC SR-PVC PVC COMMUNICATION CABLE
C4079A GENERAL-C4079A Datasheet
75Kb / 1P
50C 22 7/30 TC SR-PVC PVC COMMUNICATION CABLE
C4081A GENERAL-C4081A Datasheet
81Kb / 1P
4C 22 7/30 TC SR-PVC & 2C 18 16/30 TC PVC PVC COMMUNICATION CABLE
C4082A GENERAL-C4082A Datasheet
81Kb / 1P
5C 22 7/30 TC SR-PVC & 2C 18 16/30 TC PVC PVC COMMUNICATION CABLE
C4083A GENERAL-C4083A Datasheet
81Kb / 1P
6C 22 7/30 TC SR-PVC & 2C 18 16/30 TC PVC PVC COMMUNICATION CABLE
C4088A GENERAL-C4088A Datasheet
73Kb / 1P
7C 22 7/30 TC SR-PVC PVC COMMUNCATION CABLE
C4105A GENERAL-C4105A Datasheet
73Kb / 1P
7C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C6010A GENERAL-C6010A Datasheet
81Kb / 1P
2P 22 7/30 TC SR-PVC PVC COMMUNICATION CABLE
C6348A GENERAL-C6348A Datasheet
73Kb / 1P
2C 22 7/30 TC SR-PVC PVC COMMUNICATION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com