Electronic Components Datasheet Search
  English  ▼

X  

PE6007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6007
Description  Shorting Dust Cap for SMA Female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6007 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting Dust Cap for SMA Female
Configuration
Connector
SMA Female Shorting
Connector Specification
MIL-C-39012
Chain Option
No Chain
Mechanical Specifications
Size
Length, in [mm]
0.53 [13.46]
Width, in [mm]
0.25 [6]
.
Connector
Type
SMA Female Shorting
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Shorting Dust Cap for SMA Female from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Shorting Dust Cap for SMA Female PE6007
URL: http://www.pasternack.com/50-ohm-sma-female-short-cap-pe6007-p.aspx
PE6007
PE6007 REV
Shorting Dust Cap for SMA Female


Similar Part No. - PE6007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6000-50 PASTERNACK-PE6000-50 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6000-75 PASTERNACK-PE6000-75 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6000-93 PASTERNACK-PE6000-93 Datasheet
77Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6001-50 PASTERNACK-PE6001-50 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6001-93 PASTERNACK-PE6001-93 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
More results

Similar Description - PE6007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6006 PASTERNACK-PE6006 Datasheet
237Kb / 2P
Shorting SMA Male Dust Cap
PE6135 PASTERNACK-PE6135 Datasheet
232Kb / 2P
Shorting TNC Female Dust Cap
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMA Male
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6031 PASTERNACK-PE6031 Datasheet
229Kb / 2P
Shorting Dust Cap for N Female
PE6120 PASTERNACK-PE6120 Datasheet
228Kb / 2P
Non-Shorting Dust Cap for SMA Female
PE6132 PASTERNACK-PE6132 Datasheet
204Kb / 2P
Shorting Dust Cap for SMA Female With 2.5 Inch Chain
PE6120 PASTERNACK-PE6120_16 Datasheet
413Kb / 3P
SMA Female Non-Shorting Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com